Electronic Components Datasheet Search
  English  ▼

X  

AL3158 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AL3158
Description  HIGH EFFICIENCY 1x/2x CHARGE PUMP FOR WHITE LED APPLICATIONS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AL3158 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AL3158 Datasheet HTML 2Page - Diodes Incorporated AL3158 Datasheet HTML 3Page - Diodes Incorporated AL3158 Datasheet HTML 4Page - Diodes Incorporated AL3158 Datasheet HTML 5Page - Diodes Incorporated AL3158 Datasheet HTML 6Page - Diodes Incorporated AL3158 Datasheet HTML 7Page - Diodes Incorporated AL3158 Datasheet HTML 8Page - Diodes Incorporated AL3158 Datasheet HTML 9Page - Diodes Incorporated AL3158 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AL3158
HIGH EFFICIENCY 1x/2x CHARGE PUMP
FOR WHITE LED APPLICATIONS
AL3158
Document number: DS35047 Rev. 2 - 2
6 of 10
www.diodes.com
January 2011
© Diodes Incorporated
Functional Description
The AL3158 is a dual-mode high efficiency charge pump
(1x and 2x) device, driving three groups of three LED
channels at 30mA maximum each, intended for white LED
backlight applications.
An internal comparator circuit
compares the voltage at each constant current sink input
against a reference voltage. To ensure maximum power
efficiency, the most appropriate switching mode (1x and
2x) is automatically selected.
The AL3158 requires only three external components: one
1µF ceramic flying capacitor (C1) for the charge pump, one
2.2µF
ceramic
input
capacitor
(CIN),
and
one
2.2µF ceramic charge pump output capacitor (COUT).
The each output channel of the AL3158 can drive three
groups of three individual LED channels with a maximum
current of fixed manufacture setting (20mA or 30mA) per
channel. These can be paralleled to give a total output
current of 270mA.
Disabled Current Sinks
Unused current channels must be disabled by connecting
the sinks to VOUT with only a small sense current flowing
through the disabled channel.
Soft-Start
Soft-start is incorporated to prevent excessive inrush
current during power-up, mode switching, and transitioning
out of stand-by mode.
Short-Circuit Protection
Short-circuit protection function is incorporated to prevent
excessive load current when either flying cap terminals or
output pin electrically tied to a very lower voltage or
ground.
Over-Voltage Protection
Over-Voltage Protection function is incorporated to limit
the output voltage under a safe value to avoid on-chip
device breakdown.
Under-Voltage Lockout
Under-Voltage lockout feature disables the device when
the input voltage drops below UVLO threshold.
Thermal Auto Shutdown
When the die temperature exceeds the thermal limit, the
device will be disabled and enter stand-by mode. The
operation resumes whenever the die cools off sufficiently.
PWM Dimming Control
The AL3158 provides simple PWM dimming control
through ENx pins, and the current is adjusted by the duty
cycle of the signal applied on ENx pin. The recommended
PWM frequency is from 200Hz to 50KHz depending on
applications.
EN<3:1>
LED ON/OFF CONTROL
XX0
LED1~LED3 OFF
XX1
LED1~LED3 ON
X0X
LED4~LED6 OFF
X1x
LED4~LED6 ON
0XX
LED7~LED9 OFF
1xX
LED7~LED9 ON



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com