Electronic Components Datasheet Search
  English  ▼

X  

IC-MFP Datasheet(PDF) 3 Page - IC-Haus GmbH

Part # IC-MFP
Description  8-FOLD FAIL-SAFE P-FET DRIVER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MFP Datasheet(HTML) 3 Page - IC-Haus GmbH

  IC-MFP Datasheet HTML 1Page - IC-Haus GmbH IC-MFP Datasheet HTML 2Page - IC-Haus GmbH IC-MFP Datasheet HTML 3Page - IC-Haus GmbH IC-MFP Datasheet HTML 4Page - IC-Haus GmbH IC-MFP Datasheet HTML 5Page - IC-Haus GmbH IC-MFP Datasheet HTML 6Page - IC-Haus GmbH IC-MFP Datasheet HTML 7Page - IC-Haus GmbH IC-MFP Datasheet HTML 8Page - IC-Haus GmbH IC-MFP Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
iC-MFP
8-FOLD FAIL-SAFE P-FET DRIVER
Rev A2, Page 3/13
PACKAGES QFN24 4 mm x 4 mm to JEDEC
PIN CONFIGURATION QFN24
(top view)
PIN FUNCTIONS
No. Name
Function
1 NOUT1 Output channel 1
2 VB
Supply Voltage
3 VBR
Supply Voltage (R)
4 EN5
Enable input lo-level = VB-5V
5 EN10
Enable input lo-level = VB-10V
6 IN1
Input channel 1
7 IN2
Input channel 2
8 IN3
Input channel 3
9 IN4
Input channel 4
10 IN5
Input channel 5
11 IN6
Input channel 6
12 IN7
Input channel 7
13 IN8
Input channel 8
14 NOK
Output inverted status
15 ENFS
Enable input full scale lo-level = GND
16 GNDR
Ground (R)
17 GND
Ground
18 NOUT8 Output channel 8
19 NOUT7 Output channel 7
20 NOUT6 Output channel 6
21 NOUT5 Output channel 5
22 NOUT4 Output channel 4
23 NOUT3 Output channel 3
24 NOUT2 Output channel 2
TP
Thermal-Pad
The Thermal Pad is to be connected to a ground plane on the PCB. Connections between GND, GNDR
and the ground plane should be conciled to system FMEA aspects.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com