Electronic Components Datasheet Search
  English  ▼

X  

AP2151D Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP2151D
Description  0.5A SINGLE CHANNEL CURRENT-LIMITED POWER SWITCH WITH OUTPUT DISCHARGE
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2151D Datasheet(HTML) 2 Page - Diodes Incorporated

  AP2151D Datasheet HTML 1Page - Diodes Incorporated AP2151D Datasheet HTML 2Page - Diodes Incorporated AP2151D Datasheet HTML 3Page - Diodes Incorporated AP2151D Datasheet HTML 4Page - Diodes Incorporated AP2151D Datasheet HTML 5Page - Diodes Incorporated AP2151D Datasheet HTML 6Page - Diodes Incorporated AP2151D Datasheet HTML 7Page - Diodes Incorporated AP2151D Datasheet HTML 8Page - Diodes Incorporated AP2151D Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AP2141D/AP2151D
0.5A SINGLE CHANNEL CURRENT-LIMITED POWER
SWITCH WITH OUTPUT DISCHARGE
AP2141D/2151D
Document number: DS32242 Rev. 2 - 2
2 of 17
www.diodes.com
September 2010
© Diodes Incorporated
Typical Application Circuit
0.1uF
IN
GND
EN
OUT
ON
120uF
Power Supply
2.7V to 5.5V
0.1uF
OFF
FLG
Load
10k
10uF
AP2151D Enable Active High
Available Options
Part Number
Channel
Enable pin (EN)
Current limit (typical)
Recommended maximum
continuous load current
AP2141D
1
Active Low
0.8A
0.5A
AP2151D
1
Active High
0.8A
0.5A
Pin Descriptions
Pin
Name
Pin Number
Descriptions
SO-8
SOT25
DFN2018-6
MSOP-8-EP
GND
1
2
1
Ground
IN
2, 3
5
2
Voltage input pin (all IN pins must be tied together externally)
EN
4
4
3
Enable input, active low (AP2141D) or active high (AP2151D)
FLG
5
3
4
Over-current and over-temperature fault report; open-drain flag is
active low when triggered
OUT
6, 7
1
5, 6
Voltage output pin (all OUT pins must be tied together externally)
NC
8
N/A
N/A
No internal connection; recommend tie to OUT pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com