Electronic Components Datasheet Search
  English  ▼

X  

IC-MZ Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-MZ
Description  DIFFERENTIAL HALL SWITCH
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-MZ Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-MZ Datasheet HTML 1Page - IC-Haus GmbH IC-MZ Datasheet HTML 2Page - IC-Haus GmbH IC-MZ Datasheet HTML 3Page - IC-Haus GmbH IC-MZ Datasheet HTML 4Page - IC-Haus GmbH IC-MZ Datasheet HTML 5Page - IC-Haus GmbH IC-MZ Datasheet HTML 6Page - IC-Haus GmbH IC-MZ Datasheet HTML 7Page - IC-Haus GmbH IC-MZ Datasheet HTML 8Page - IC-Haus GmbH IC-MZ Datasheet HTML 9Page - IC-Haus GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
iC-MZ
DIFFERENTIAL HALL SWITCH
Rev A2, Page 4/11
ELECTRICAL CHARACTERISTICS
Operating Conditions: VB = 4.5..36 V, Tj = -40...135 °C unless otherwise stated
Item
Symbol
Parameter
Conditions
Unit
No.
Min.
Typ.
Max.
General
001
fmagn
Magnetic Cut-off Frequency
(upper 3 dB frequency corner)
40
kHz
002
VB
Permissible Supply Voltage
4.5
36
V
003
I(VB)
Supply Current in VB
open outputs, fmagn = 0
9
12
mA
004
|Hdc|
Magnitude of mean magnetic
field strength
|Hdc| = |H1 + H2| / 2,
Outputs A, NA not saturated
400
kA/m
005
|∆H|
Maximal magnetic field difference |∆H| = |H1 − H2|
120
kA/m
006
Ht,hi
Upper magnetic trigger threshold Output D lo → hi for ∆H > Ht,hi
2
kA/m
007
Ht,lo
lower magnetic trigger threshold
Output D hi → lo for ∆H < Ht,lo
-2
kA/m
008
Ht,hys
Hysteresis
Ht,hys = Ht,hi − Ht,lo
4
kA/m
009
Vc()lo
Clamp Voltage lo at Pins VB,
VPA, VPD, A, NA, D, ND, NERR,
TEST
I() = -10 mA
-1.4
-0.35
V
010
Vc()hi
Clamp Voltage hi at Pins VB,
NERR
I(VB) = 10 mA, Test = hi, I(NERR) = 1 mA
37
50
V
011
Vc()hi
Clamp Voltage hi at Pins VPA,
VPD, A, NA, TEST
I(VPA, VPD) = 10 mA, I(A, NA, TEST) = 2 mA
6
20
V
012
tsetup
System enable
from power on to activating outputs
200
400
µs
013
I(VB)
Supply Current in VB, Test Mode open outputs, Test = hi (line driver mode)
6
mA
Temperatur Monitor
301
Toff
Thermal Shutdown Threshold
145
175
°C
302
Ton
Thermal Lock-on Threshold
135
165
°C
303
Thys
Thermal Shotdown Hysteresis
Thys = Ton - Toff
5
10
20
°C
Differential Outputs A, NA, Line Driver Test Mode
501
Rout()
Output resistance
14
20
28
kΩ
503
Vdc()
Mean output voltage
∆
H = 0
1.5
1.8
2.1
V
504
|∆V()|
Output voltage difference
|∆H| = 1kA/m, |∆V()| = |V(A) − V(NA)|
70
mV
505
Vt()hi
Input Threshold Voltage hi
TEST = hi (Leitungstreibermodus)
2
V
506
Vt()lo
Input Threshold Voltage lo
TEST = hi (Leitungstreibermodus)
0.8
V
507
Vt()hys
Input Hysteresis
TEST = hi (Leitungstreibermodus)
0.2
0.4
0.6
V
508
Ipd()
Pull-Down Current
V() = 0.8 V, TEST = hi
10
100
µA
509
Ipd()
Pull-Down Current
V() = 5.5 V, TEST = hi
20
200
µA
Error Output NERR
601
Vs()lo
Saturation Voltage lo at NERR
I(NERR) = 2.5 mA, NERR = lo
0.4
V
602
Isc()lo
Short-Circuit Current lo in NERR V(NERR) = 2 V...VB, NERR = lo
4
12
25
mA
603
Ilk()
Leakage Current in NERR
V(NERR) = 5.5 V...VB, NERR = hi
-10
10
µA
604
VB
Supply Voltage VB for NERR
Function
I(NERR) = 2.5 mA, NERR = lo,
Vs(NERR) < 0.4 V
3.2
V
605
Rpu()
Pull-Up-Resistor at NERR
V(NERR) = 0...4.5 V
1
2.5
5.5
MΩ
Test Mode NERR, TEST
704
Rpd(TEST) Pull-Down Resistor at TEST
Test Mode = off, V(TEST) ≤ VPA
11
20
36
kΩ
710
Vt(TEST)hi Threshold Voltage hi at TEST
2
V
711
Vt(TEST)lo Threshold Voltage lo at TEST
0.8
V
712
Vt(TEST)hy Hysteresis
0.2
0.4
0.6
V
713
Vt(NERR)hi Threshold Voltage hi at NERR
Test = hi
2.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com