Electronic Components Datasheet Search
  English  ▼

X  

CMX018 Datasheet(PDF) 5 Page - CML Microcircuits

Part # CMX018
Description  UHF FM/FSK Receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX018 Datasheet(HTML) 5 Page - CML Microcircuits

  CMX018 Datasheet HTML 1Page - CML Microcircuits CMX018 Datasheet HTML 2Page - CML Microcircuits CMX018 Datasheet HTML 3Page - CML Microcircuits CMX018 Datasheet HTML 4Page - CML Microcircuits CMX018 Datasheet HTML 5Page - CML Microcircuits CMX018 Datasheet HTML 6Page - CML Microcircuits CMX018 Datasheet HTML 7Page - CML Microcircuits CMX018 Datasheet HTML 8Page - CML Microcircuits CMX018 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
© 1999 Consumer Microcircuits Limited
5
D/018/3
Package
D6
Signal
Description
Pin No.
Name
Type
23
TANK
I/P
First Down-Converter Local Oscillator (VCO)
TANK/resonator connection
24
GND
GROUND
First Down-Converter VCO Ground connection
25
VCC1
POWER
LNA Power supply - nominally 3.0V
26
LNADEC
External LNA bias decoupling capacitor
27
GAINSEL
CMOS I/P
LNA Gain control logic input. A logic '0' provides
a typical power gain of 16dB and a logic '1'
provides an attenuation of 6dB
28
ENABLE
CMOS I/P
Zero-Power logic control. A logic '0' powers down
the device.
Notes:
I/P
=
Input
O/P
=
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com