Electronic Components Datasheet Search
  English  ▼

X  

CMX228 Datasheet(PDF) 30 Page - CML Microcircuits

Part # CMX228
Description  ISDN Protocol Engine with D - channel Data
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX228 Datasheet(HTML) 30 Page - CML Microcircuits

Back Button CMX228 Datasheet HTML 26Page - CML Microcircuits CMX228 Datasheet HTML 27Page - CML Microcircuits CMX228 Datasheet HTML 28Page - CML Microcircuits CMX228 Datasheet HTML 29Page - CML Microcircuits CMX228 Datasheet HTML 30Page - CML Microcircuits CMX228 Datasheet HTML 31Page - CML Microcircuits CMX228 Datasheet HTML 32Page - CML Microcircuits CMX228 Datasheet HTML 33Page - CML Microcircuits CMX228 Datasheet HTML 34Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
ISDN Data and Telephony Protocol Engine (inc. X.25)
CMX228
© 1999 Consumer Microcircuits Limited
30
D/228/1
© 1999 Chiron Technology Limited
1.5.9
Hardware Description
1.5.9.1 LED Status Indicators (LED1 to LED9, and ILFI)
LED1 (HK1) is low when the POTS port is off-hook, high when on-hook.
LED2 (AA) indicates that register S0 has been set to 1 or more when low and set to 0 when high
(RS232 Auto Answer indication).
LED3 (DCD) is low when a call is connected via the RS232 port (if &C0 is set to '1'), high when a call
is not connected to this port.
LED4 (RTS) is low if RTS on the RS232 port is active and vice versa, indicating flow control (RS232
Ready To Send).
LED5 (RXD) is low if data is being sent to the DTE (RS232).
LED6 (TXD) is low if data is being received from the DTE (RS232).
LED7 (DTR) is low if the de-bounced DTR line on the RS232 port is active and vice versa.
LED8 (AR) is pulsed high and low until the ISDN line is activated, when it remains low constantly.
LED9 (CN1) is high when the POTS port is connected to the ISDN network, low when not connected.
ILFI is high when an ISDN Link Failure is Indicated, low when the link is operational.
The functions of the LED and ILFI indicators are set out in the table below:
Pin No.
Designation
POTS port
RS232 port
12
LED1
Off-Hook
~
13
LED2
~
Auto-Answer
14
LED3
~
Carrier Detect
15
LED4
~
Ready to Send
16
LED5
~
Receive Data
17
LED6
~
Transmit Data
18
LED7
~
Data Terminal Ready
19
LED8
ISDN Line Activated
ISDN Line Activated
21
LED9
Call Connected
~
54
ILFI
ISDN Line Failure
Indicator
ISDN Line Failure
Indicator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com