Electronic Components Datasheet Search
  English  ▼

X  

IC-OCCHIP Datasheet(PDF) 6 Page - IC-Haus GmbH

Part # IC-OCCHIP
Description  INTEGRATING LIGHT-VOLTAGE CONVERTER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OCCHIP Datasheet(HTML) 6 Page - IC-Haus GmbH

  IC-OCCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-OCCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
iC-OC
INTEGRATING LIGHT-VOLTAGE CONVERTER
Rev D1, Page 6/9
CLK
DIN1
Integrator3
Integrator4
V(AOUT)
Integrator2
Int1
DOUT1= DIN2
DOUT2
Integrator1
1
2
3
4
5
6
7
8
9
10
Reset
Reset
Int2
Int3
Int4
Int1
Int2
Int3
Int4
Int1
Int2
Reset
Reset
Reset
Reset
Reset
Reset
Reset
integration time not determined
clock cycle 1
5V
V0()1
V0()2
V0()3
V0()4
clock cycle 4
Figure 4: Timing characteristics after power on (assumption: V0()1 = V0()2 = V0(), VDD = 5 V)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com