Electronic Components Datasheet Search
  English  ▼

X  

1SMA64CAT3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1SMA64CAT3
Description  400 Watt Peak Power Zener Transient Voltage Suppressors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SMA64CAT3 Datasheet(HTML) 1 Page - ON Semiconductor

  1SMA64CAT3 Datasheet HTML 1Page - ON Semiconductor 1SMA64CAT3 Datasheet HTML 2Page - ON Semiconductor 1SMA64CAT3 Datasheet HTML 3Page - ON Semiconductor 1SMA64CAT3 Datasheet HTML 4Page - ON Semiconductor 1SMA64CAT3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2007
October, 2007 - Rev. 10
1
Publication Order Number:
1SMA10CAT3/D
1SMA10CAT3 Series
400 Watt Peak Power Zener
Transient Voltage
Suppressors
Bidirectional*
The SMA series is designed to protect voltage sensitive
components from high voltage, high energy transients. They have
excellent clamping capability, high surge capability, low zener
impedance and fast response time. The SMA series is supplied in
ON Semiconductor's exclusive, cost‐effective, highly reliable
Surmetic
t package and is ideally suited for use in communication
systems, automotive, numerical controls, process controls, medical
equipment, business machines, power supplies and many other
industrial/consumer applications.
Features
• Working Peak Reverse Voltage Range - 10 V to 78 V
• Standard Zener Breakdown Voltage Range - 11.7 V to 91.3 V
• Peak Power - 400 Watts @ 1 ms
• ESD Rating of Class 3 (> 16 kV) per Human Body Model
• Response Time is Typically < 1 ns
• Flat Handling Surface for Accurate Placement
• Package Design for Top Slide or Bottom Circuit Board Mounting
• Low Profile Package
• Pb-Free Packages are Available
Mechanical Characteristics:
CASE:
Void‐free, transfer‐molded plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM CASE TEMPERATURE FOR SOLDERING PURPOSES:
260
°C for 10 Seconds
POLARITY:
Cathode polarity notch does not indicate polarity
MOUNTING POSITION:
Any
PLASTIC SURFACE MOUNT
ZENER OVERVOLTAGE
TRANSIENT SUPPRESSORS
10-78 V VR
400 W PEAK POWER
Device*
Package
Shipping†
ORDERING INFORMATION
1SMAxxCAT3
SMA
5000/Tape & Reel
SMA
CASE 403D
PLASTIC
MARKING DIAGRAM
http://onsemi.com
1SMAxxCAT3G
SMA
(Pb-Free)
5000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
*The “T3” suffix refers to a 13 inch reel.
See specific marking information in the device marking
column of the Electrical Characteristics table on page 3 of
this data sheet.
DEVICE MARKING INFORMATION
xxC
= Device Code (Refer to page 3)
A
= Assembly Location
Y
= Year
WW
= Work Week
G
= Pb-Free Package
xxC
AYWW
G


Similar Part No. - 1SMA64CAT3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1SMA64CAT3 MOTOROLA-1SMA64CAT3 Datasheet
81Kb / 4P
Zener Transient Voltage Suppressors
logo
ON Semiconductor
1SMA64CAT3 ONSEMI-1SMA64CAT3 Datasheet
50Kb / 6P
400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA64CAT3 ONSEMI-1SMA64CAT3 Datasheet
58Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2006 ??Rev. 9
1SMA64CAT3G ONSEMI-1SMA64CAT3G Datasheet
58Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2006 ??Rev. 9
More results

Similar Description - 1SMA64CAT3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1SMA5.0AT3 ONSEMI-1SMA5.0AT3 Datasheet
55Kb / 6P
400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA10CAT3 ONSEMI-1SMA10CAT3 Datasheet
50Kb / 6P
400 Watt Peak Power Zener Transient Voltage Suppressors
April, 2004 ??Rev. 6
1SMA5 ONSEMI-1SMA5_06 Datasheet
64Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
July, 2006 ??Rev. 9
1SMA10CAT3 ONSEMI-1SMA10CAT3_06 Datasheet
58Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2006 ??Rev. 9
1SMA5.0AT3 ONSEMI-1SMA5.0AT3_10 Datasheet
144Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
May, 2010 ??Rev. 11
1SMA5.0AT3G ONSEMI-1SMA5.0AT3G Datasheet
148Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
1SMA10CAT3G ONSEMI-1SMA10CAT3G Datasheet
145Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
SZ1SMA30CAT3G ONSEMI-SZ1SMA30CAT3G Datasheet
129Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SZ1SMA24CAT3 ONSEMI-SZ1SMA24CAT3 Datasheet
145Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 12
SZ1SMA24AT3G ONSEMI-SZ1SMA24AT3G Datasheet
148Kb / 5P
400 Watt Peak Power Zener Transient Voltage Suppressors
February, 2012 ??Rev. 14
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com