Electronic Components Datasheet Search
  English  ▼

X  

CMX615 Datasheet(PDF) 5 Page - CML Microcircuits

Part # CMX615
Description  Digital Line to POTS Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX615 Datasheet(HTML) 5 Page - CML Microcircuits

  CMX615 Datasheet HTML 1Page - CML Microcircuits CMX615 Datasheet HTML 2Page - CML Microcircuits CMX615 Datasheet HTML 3Page - CML Microcircuits CMX615 Datasheet HTML 4Page - CML Microcircuits CMX615 Datasheet HTML 5Page - CML Microcircuits CMX615 Datasheet HTML 6Page - CML Microcircuits CMX615 Datasheet HTML 7Page - CML Microcircuits CMX615 Datasheet HTML 8Page - CML Microcircuits CMX615 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Digital Line to POTS Interface
CMX615
© 1999 Consumer Microcircuits Limited
5
D/615/4
CMX615
D4/P3
Signal
Description
Pin No.
Name
Type
11
VBIAS
O/P
An internally generated bias voltage of V
DD/2,
except when the device is in ‘Zero Power’ mode
when V
BIAS will discharge to VSS.
It should be
decoupled to V
SS by a capacitor mounted close
to the device pins.
12
OPPIN
I/P
The non-inverting input to the uncommitted
amplifier.
13
OPNIN
I/P
The inverting input to the uncommitted amplifier.
14
OPOUT
O/P
The output of the uncommitted amplifier.
15
RING
O/P
The squarewave output of the Ringing Signal
generator.
16
V
DD
Power
The positive supply rail. Levels within the device
are proportional to this voltage. It should be
decoupled to VSS by a capacitor mounted close
to the device pins.
Notes:
I/P
=
Input
O/P
=
Output
T/S
=
3-state Output
It is recommended that the printed circuit board is laid out with a ground plane in the CMX615 area
to provide a low impedance connection between the VSS pin and the VDD and VBIAS decoupling
capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com