Electronic Components Datasheet Search
  English  ▼

X  

IC-ODCHIP Datasheet(PDF) 1 Page - IC-Haus GmbH

Part # IC-ODCHIP
Description  OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-ODCHIP Datasheet(HTML) 1 Page - IC-Haus GmbH

  IC-ODCHIP Datasheet HTML 1Page - IC-Haus GmbH IC-ODCHIP Datasheet HTML 2Page - IC-Haus GmbH IC-ODCHIP Datasheet HTML 3Page - IC-Haus GmbH IC-ODCHIP Datasheet HTML 4Page - IC-Haus GmbH IC-ODCHIP Datasheet HTML 5Page - IC-Haus GmbH IC-ODCHIP Datasheet HTML 6Page - IC-Haus GmbH IC-ODCHIP Datasheet HTML 7Page - IC-Haus GmbH IC-ODCHIP Datasheet HTML 8Page - IC-Haus GmbH IC-ODCHIP Datasheet HTML 9Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
iC-OD, iC-ODL
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
Rev D3, Page 1/9
FEATURES
o Low-noise current amplifier with an integrated
position-sensitive photodiode
o High reliability due to monolithical design
o Effective photodiode area: 2.6 mm x 0.88 mm (iC-OD) resp.
8.4 mm x 0.88 mm (iC-ODL)
o High sensitivity for visible light and near infrared
o Integrated bandpass filter with 100 kHz center frequency
o High background light suppression
o Analogue current source output
o Minimum external circuitry required
o Low power consumption from 3.9 to 13.2 V supply voltage
APPLICATIONS
o Position-sensitive detection of
pulse lights
o Receiver for motion or proximity
sensors
PACKAGES
oLGA OD4C
OBGA™
ODL2C
BLOCK DIAGRAM
VCC
Vout1
(3.9) 4.5..13.2V
Vout2
GND
IAC1
IAC2
VCC
R1
10k
Ω
iC−OD/L
iph2
AC−AMP
f
A
AC−AMP
A
f
iph1
10k
Ω
R2
2
3
4
1
Pin numbers given for iC-OD oLGA OD4C
Copyright © 2006 iC-Haus
http://www.ichaus.com


Similar Part No. - IC-ODCHIP

ManufacturerPart #DatasheetDescription
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD Datasheet
578Kb / 11P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD Datasheet
508Kb / 11P
OPTICAL POSITION-SENSITIVE DETECTOR
IC-OD ICHAUS-IC-OD_10 Datasheet
578Kb / 11P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
IC-OD ICHAUS-IC-OD_15 Datasheet
508Kb / 11P
OPTICAL POSITION-SENSITIVE DETECTOR
More results

Similar Description - IC-ODCHIP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PD3151F SHARP-PD3151F Datasheet
37Kb / 3P
Position Sensitive Detector with Location Hole (PSD *)
logo
KODENSHI_AUK CORP.
SD-101 KODENSHI-SD-101 Datasheet
241Kb / 2P
Position Sensitive Diodes
SD-112S KODENSHI-SD-112S Datasheet
246Kb / 2P
Position Sensitive Diodes
SD-201 KODENSHI-SD-201 Datasheet
239Kb / 2P
Position Sensitive Diodes
SD-402 KODENSHI-SD-402 Datasheet
195Kb / 2P
Position Sensitive Diodes
SD-503 KODENSHI-SD-503 Datasheet
230Kb / 2P
Position Sensitive Diodes
logo
List of Unclassifed Man...
PSD6407 ETC-PSD6407 Datasheet
1Mb / 16P
POSITION SENSITIVE DETECTOR
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD_10 Datasheet
578Kb / 11P
OPTICAL POSITION-SENSITIVE DETECTOR (PSD)
logo
KODENSHI_AUK CORP.
KSD402 KODENSHI-KSD402 Datasheet
201Kb / 2P
Position Sensitive Diodes
logo
IC-Haus GmbH
IC-OD ICHAUS-IC-OD_15 Datasheet
508Kb / 11P
OPTICAL POSITION-SENSITIVE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com