Electronic Components Datasheet Search
  English  ▼

X  

CMX625D5 Datasheet(PDF) 13 Page - CML Microcircuits

Part # CMX625D5
Description  ISDN TA POTS Interface
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

CMX625D5 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button CMX625D5 Datasheet HTML 9Page - CML Microcircuits CMX625D5 Datasheet HTML 10Page - CML Microcircuits CMX625D5 Datasheet HTML 11Page - CML Microcircuits CMX625D5 Datasheet HTML 12Page - CML Microcircuits CMX625D5 Datasheet HTML 13Page - CML Microcircuits CMX625D5 Datasheet HTML 14Page - CML Microcircuits CMX625D5 Datasheet HTML 15Page - CML Microcircuits CMX625D5 Datasheet HTML 16Page - CML Microcircuits CMX625D5 Datasheet HTML 17Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
ISDN TA POTS Interface
CMX625
 2001 Consumer Microcircuits Limited
13
D/625/2
Byte 1
Byte 2
Abort Request
EOM
MR
MX
Data
Figure 8 Abort Request from the Receiver
1.5.5
Monitor Channel Identification Command
In order to be able to identify different devices on the IOM-2 bus, an identification command is sent. This
allows the software to identify different manufacturer's devices on the bus. The identification sequence is
usually done once, when the device is connected for the first time.
A device requesting the identity of a connected CMX625 will transmit the following 2 byte command:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit 0
DD 1
st byte
1
SA2
SA1
SA0
DS
0
0
0
DD 2
nd byte
0
0
0
0
0
0
0
0
The CMX625 responds by transmitting:
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit 0
DU 1
st byte
1
SA2
SA1
SA0
DS
0
0
0
Monitor Channel Address Byte
DU 2
nd byte
1
0
0
1
1
0
0
1
Device Identification Byte
SA(2-0) = Slot Address, DS = Device Select (see sections 1.5.2 and 1.5.3). See section 1.5.14 for the
Device Identification Register.
1.5.6
PCM Codec-Filter
The PCM Codec-Filter performs voice digitisation and reconstruction and incorporates encoder bandpass
and decoder lowpass filters with pre and post-filtering with selectable A-law and µ-law companding. In
each case the coder and decoder process a companded 8-bit PCM word following ITU-T recommendation
G.711 for A-law and µ-law conversion. The encoder bandpass filter and decoder lowpass filter provide
passband flatness and stopband rejection according to ITU-T recommendation G.712. The lowpass filter
contains the required (Sin X)/X compensation. The overall filter characteristics of the channel are shown
in Figure 12.
The PCM Codec-Filter block is enabled or disabled by bit 7 of the CODEC CONTROL Register. The
companding law is selected by bit 6. When this bit is a ‘0’, A-law companding is selected (used in Europe)
and when this bit is a ‘1’, µ-law is selected (used in the USA and Japan).
The PCM Codec Channel routeing is shown in the table below for normal operation and bus reversal. In
‘normal’ operation, bit 4 of the IOM Control Register is set to ‘0’, the data is transmitted on the Data
Upstream (DU) pin and received on the Data Downstream (DD) pin. Bits 6 and 7 of the IOM Control
Register select whether the data is transmitted or received on the B1, B2, IC1 or IC2 channels of the IOM-
2 bus. The B1 and B2 channels are available in TE and non-TE mode but the IC1 and IC2 channels are
only available in TE mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com