Electronic Components Datasheet Search
  English  ▼

X  

IC-OF Datasheet(PDF) 5 Page - IC-Haus GmbH

Part # IC-OF
Description  3-BIT OPTO ENCODER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OF Datasheet(HTML) 5 Page - IC-Haus GmbH

  IC-OF Datasheet HTML 1Page - IC-Haus GmbH IC-OF Datasheet HTML 2Page - IC-Haus GmbH IC-OF Datasheet HTML 3Page - IC-Haus GmbH IC-OF Datasheet HTML 4Page - IC-Haus GmbH IC-OF Datasheet HTML 5Page - IC-Haus GmbH IC-OF Datasheet HTML 6Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
iC-OF
3-BIT OPTO ENCODER
Rev C1, Page 5/6
ELECTRICAL CHARACTERISTICS
Operating Conditions: VCC= 5V ±10%; Tj= -40..125 °C, unless otherwise noted.
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
EC
Min.
Typ.
Max.
This specification is for a newly developed product. iC-Haus therefore reserves the right to change or update, without notice, any information contained
herein, design and specification; and to discontinue or limit production or distribution of any product versions. Please contact iC-Haus to ascertain the
current data.
Copying -- even as an excerpt -- is only permitted with iC-Haus approval in writing and precise reference to source.
iC-Haus does not warrant the accuracy, completeness or timeliness of the specification on this site and does not assume liability for any errors or omissions
in the materials. The data specified is intended solely for the purpose of product description. No representations or warranties, either express or implied, of
merchantability, fitness for a particular purpose or of any other nature are made hereunder with respect to information/specification or the products to which
information refers and no guarantee with respect to compliance to the intended use is given. In particular, this also applies to the stated possible
applications or areas of applications of the product.
iC-Haus conveys no patent, copyright, mask work right or other trade mark right to this product. iC-Haus assumes no liability for any patent and/or other
trade mark rights of a third party resulting from processing or handling of the product and/or any other use of the product.
As a general rule our developments, IPs, principle circuitry and range of Integrated Circuits are suitable and specifically designed for appropriate use in
technical applications, such as in devices, systems and any kind of technical equipment, in so far as they do not infringe existing patent rights. In principle
the range of use is limitless in a technical sense and refers to the products listed in the inventory of goods compiled for the 2008 and following export trade
statistics issued annually by the Bureau of Statistics in Wiesbaden, for example, or to any product in the product catalogue published for the 2007 and
following exhibitions in Hanover (Hannover-Messe).
We understand suitable application of our published designs to be state-of-the-art technology which can no longer be classed as inventive under the
stipulations of patent law. Our explicit application notes are to be treated only as mere examples of the many possible and extremely advantageous uses our
products can be put to.
Analog Outputs NI0..2
501
CR()
Current Ratio
I(NIi) / (I(DPi)-I(DNi))
V(NIi)= 0.3V..VCC-1.2V,
I(DPi)= 3..90nA, I(DNi)= 90..3nA
27
550
720
850
502
I0()
Leakage Current
V(NI)= 0.3V..VCC-1.2V,
I(DPi,DNi)= 0
-1.5
1.5
A
503
fo()
Cut-off Frequency
V(NIi)= constant,
sinussoidal waveform,
I(DPi)= 3..30nA, I(DNi)= 30..3nA
100
kHz
504
fo()
Cut-off Frequency
V(NIi)= constant,
sinussoidal waveform,
I(DPi)= 6..60nA, I(DNi)= 60..6nA
200
kHz
505
fo()
Cut-off Frequency
R(VCC/NIi)= 50k ,
R(NIi/GND)= 50k , CL()= 30pF
50
80
kHz
506
Vc(S)hi
Clamp Voltage hi
Vc()hi= V()-VCC; I()= 3mA
0.4
1.5
V
507
Vc(S)lo
Clamp Voltage lo
I()= -3mA
-1.5
-0.4
V
APPLICATIONS INFORMATION
Wiring of the analog outputs NI0..2
The analog outputs each consist of two current sources in a push-pull configuration. One of these works towards
GND as a sink, the other works as a source coming from VCC. The voltage swing at the output pins NI0..2 is
determined by the external wiring - the saturation voltage of the current sources must be taken into account.
The simplest configuration is to connect the outputs to a voltage divider consisting of two resistors, wired from
VCC against GND (with 50k
respectively, for example). Any resulting load capacities can reduce the cutoff
frequency of the analog signals.
In view of the suppression of the supply voltage, however it may be preferable to use an op-amp as a current-
voltage converter (transconductance amplifier) if the reference potential is suitably stable.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com