Electronic Components Datasheet Search
  English  ▼

X  

IC-OR Datasheet(PDF) 4 Page - IC-Haus GmbH

Part # IC-OR
Description  5-ELEMENT MONOLITHIC PHOTODIODES ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICHAUS [IC-Haus GmbH]
Direct Link  http://www.ichaus.biz
Logo ICHAUS - IC-Haus GmbH

IC-OR Datasheet(HTML) 4 Page - IC-Haus GmbH

  IC-OR Datasheet HTML 1Page - IC-Haus GmbH IC-OR Datasheet HTML 2Page - IC-Haus GmbH IC-OR Datasheet HTML 3Page - IC-Haus GmbH IC-OR Datasheet HTML 4Page - IC-Haus GmbH IC-OR Datasheet HTML 5Page - IC-Haus GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
iC-OR
5-ELEMENT MONOLITHIC PHOTODIODES ARRAY
Rev A1, Page 4/5
ABSOLUTE MAXIMUM RATINGS
Values beyond which damage may occur; device operation is not guaranteed.
Item
Symbol
Parameter
Conditions
Fig.
Unit
Min.
Max.
G001 Vr()
Reverse Voltage at DPA, DPB, DNA,
DNB, DZ
Ir< 10nA, Tj= 25
°C
25
V
TG1 Pmax
Max. Power Dissipation
Ta= 70
°C
150
mW
THERMAL DATA
Operating Conditions:
Item
Symbol
Parameter
Conditions
Fig.
Unit
Min.
Typ.
Max.
T1
Ta
Operating Ambient Temperature
Range
(extended temperature range on
request)
BLCC OVC package
-25
90
°C
ELECTRICAL CHARACTERISTICS
Operating Conditions:
λ= 850nm, Vr= 5V, Tj= -25..125°C, unless otherwise noted.
Item
Symbol
Parameter
Conditions
Tj
Fig.
Unit
°C
Min.
Typ.
Max.
Total Device
001
S(
λ)max Spectral Sensitivity
λ= 850nm
0.5
A/W
002
Se(
λ)
Range of Spectral Sensitivity
Se(
λ)= 0.1 × S(λ)max
500
1050
nm
Photodiodes DPA, DNA, DPA, DPB
101
Aph()
Radiant Sensitive Area
0.95
× 0.74
mm²
102
Ierr()
Dark Current
Ee= 0mW/cm
2
-25
27
85
125
0.02
0.06
0.30
30
nA
nA
nA
nA
103
Iph()
Photocurrent
Ee= 0.1mW/cm
2
0.35
µA
104
tr()
Photo-current Rise Time
RL= 1k
Ω, Iph= 100µA
0.9
µs
105
tf()
Photo-current Fall Time
RL= 1k
Ω, Iph= 100µA
0.9
µs
106
C0()
Capacitance
Vr= 0V
60
pF
All voltages are referenced to ground unless otherwise noted.
All currents into the device pins are positive; all currents out of the device pins are negative.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com