Electronic Components Datasheet Search
  English  ▼

X  

MX118 Datasheet(PDF) 3 Page - CML Microcircuits

Part # MX118
Description  FULL-DUPLEX SCRAMBLER FOR CORDLESS TELEPHONES
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX118 Datasheet(HTML) 3 Page - CML Microcircuits

  MX118 Datasheet HTML 1Page - CML Microcircuits MX118 Datasheet HTML 2Page - CML Microcircuits MX118 Datasheet HTML 3Page - CML Microcircuits MX118 Datasheet HTML 4Page - CML Microcircuits MX118 Datasheet HTML 5Page - CML Microcircuits MX118 Datasheet HTML 6Page - CML Microcircuits MX118 Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MX-COM, INC.
Page 3
MX118
MX118
MX118
MX118
MX118
Pin Function Chart
Pin Function Chart
Pin Function Chart
Pin Function Chart
Pin Function Chart
Pin
Pin
Pin
Pin
Pin
Function
Function
Function
Function
Function
1
Xtal:
Xtal:
Xtal:
Xtal:
Xtal: This is the output of the clock oscillator inverter.
2
No Connection.
3
C1 Filter Output:
C1 Filter Output:
C1 Filter Output:
C1 Filter Output:
C1 Filter Output: This is the output of the channel 1 input filter. It should be coupled to pin 4 (C1
Balanced Modulator Input) by a 1.0
µF cap. See Figure 3.
4
C1 Balanced Modulator Input:
C1 Balanced Modulator Input:
C1 Balanced Modulator Input:
C1 Balanced Modulator Input:
C1 Balanced Modulator Input: This is the input to the channel 1 balanced modulator. Internally
biased at V
DD
/2, it should be coupled to pin 3 (C1 Filter Output) by capacitor C
2
.
5
V
V
V
V
V
SS
SS
SS
SS
SS:
:::: Negative supply (GND).
6
C1 Output:
C1 Output:
C1 Output:
C1 Output:
C1 Output: This is the analog output of channel 1. It is internally biased at V
DD
/2.
7
C1 Gain Amp Output:
C1 Gain Amp Output:
C1 Gain Amp Output:
C1 Gain Amp Output:
C1 Gain Amp Output: This is the output pin of the channel 1 gain adjusting op-amp. See Figure 4
for test gain setting components.
8
C1 Input:
C1 Input:
C1 Input:
C1 Input:
C1 Input: This is the analog signal input to channel 1. This input is to a gain adjusting op-amp whose
gain is set by internal components. See Figure 4.
9
C2 Input:
C2 Input:
C2 Input:
C2 Input:
C2 Input: This is the analog signal input to channel 2. This input is to a gain adjusting op-amp whose
gain is set by internal components. See Figure 4.
10
C2 Gain Amp Output:
C2 Gain Amp Output:
C2 Gain Amp Output:
C2 Gain Amp Output:
C2 Gain Amp Output: This is the output pin of the channel 2 gain adjusting op-amp. See Figure 4
for test gain setting components.
11
C2 Output:
C2 Output:
C2 Output:
C2 Output:
C2 Output: This is the analog output of channel 2. It is internally biased at V
DD
/2.
12
V
V
V
V
V
BIAS
BIAS
BIAS
BIAS
BIAS:
:::: This is the analog bias line at V
DD
/2. It should be coupled to V
SS
by a 1.0
µF or greater
capacitor. See Figure 3.
13
C2 Balanced Modulator Input:
C2 Balanced Modulator Input:
C2 Balanced Modulator Input:
C2 Balanced Modulator Input:
C2 Balanced Modulator Input: This is the input to the channel 2 balanced modulator. Internally
biased at V
DD
/2, it should be coupled to pin 14 (C2 Filter Output) by capacitor C
7
.
14
C2 Filter Output:
C2 Filter Output:
C2 Filter Output:
C2 Filter Output:
C2 Filter Output: This is the output of the channel 1 input filter. It should be coupled to pin 13 (C2
Balanced Modulator Input) by a 1.0
µF capacitor. See Figure 3.
15
V
V
V
V
V
DD
DD
DD
DD
DD:
:::: Positive supply of 3.0 V to 5.5 V.
16
Xtal/Clock:
Xtal/Clock:
Xtal/Clock:
Xtal/Clock:
Xtal/Clock: 4.433619 MHz or an externally derived clock is injected at this pin. (See Figure 3.)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com