Electronic Components Datasheet Search
  English  ▼

X  

MX802J Datasheet(PDF) 1 Page - CML Microcircuits

Part # MX802J
Description  DVSR CODEC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

MX802J Datasheet(HTML) 1 Page - CML Microcircuits

  MX802J Datasheet HTML 1Page - CML Microcircuits MX802J Datasheet HTML 2Page - CML Microcircuits MX802J Datasheet HTML 3Page - CML Microcircuits MX802J Datasheet HTML 4Page - CML Microcircuits MX802J Datasheet HTML 5Page - CML Microcircuits MX802J Datasheet HTML 6Page - CML Microcircuits MX802J Datasheet HTML 7Page - CML Microcircuits MX802J Datasheet HTML 8Page - CML Microcircuits MX802J Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
DATA BULLETIN
MX802
DVSR CODEC
1998 MX-COM, Inc.
www.mxcom.com Tel: 800 638 5577 336 744 5050 Fax: 336 744 5054
Doc. # 20480033.008
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
Features
Applications
 DVSR (Data/Voice Storage and Retrieval)
Codec
 CVSD Codec Encoder and Decoder
 Control and Timing Circuitry for 4Mbits
of external DRAM
 Low Power Operation
 Member of DBS800 Family (C-BUS
Compatible)
 Answering Machines where an incoming
speech message is stored for later recall
 Busy Buffering, in which an outgoing
speech message is stored temporarily
 Automatic transmission of pre-recorded
alarm or status messages.
 Time Domain Scrambling of Speech
messages
 VOX control of transmitter functions
 Temporary Data Storage, such as
buffering of over-air data transmissions
DATA
READ
COUNTER
DATA
WRITE
COUNTER
SPEECH
PLAY
COUNTERS
SPEECH
STORE
COUNTERS
PLAY
COMMAND
BUFFER
STORE
COMMAND
BUFFER
POWER
ASSESS
CONTROL
REGISTER
STATUS
REGISTER
C-BUS INTERFACE AND CONTROL LOGIC
CLOCK
GENERATOR
AUDIO
OUT
AUDIO
IN
REPLY
DATA
COMMAND
DATA
SERIAL
CLOCK
XTAL/
CLOCK
DEMOD
MOD
ENCODE
CLOCK
DECODE
CLOCK
IDLE
PATTERN
V
DD
V
SS
V
BIAS
DRAM Data Out/
A1/DEI
(DECODER
IN)
DRAM Data In/
A0/ENO
(ENCODER
OUT)
A2/DCK
A3/ECK
A4
A5
A6
A7
A8
A9
WE CAS RAS1 RAS2 RAS3 RAS4
ENCODER
CLOCK
DECODER
CLOCK
DRAM CONTROL AND TIMING
XTAL
IRQ
CS
DIRECT ACCESS CLOCKS AND DATA
DRAM ADDRESS LINES
The MX802 Data/Voice Storage and Retrieval (DVSR) Codec contains a Continuously Variable Slope Delta
Modulation (CVSD) encoder and decoder as well as control and timing circuitry for up to 4Mbits of external
DRAM. As a member of the DBS800 series, it also contains interface and control logic for the “C-BUS” serial
interface.
When used with external DRAM, theMX802 had four primary functions: Speech Storage, Speech layback,
Data Storage, and Data Retrieval. The Speech Storage and Playback may be performed concurrently with
data storage or retrieval.
On-chip the Delta Codec is supported by input and output analog switched-capacitor filters and audio output
switching circuitry. The DRAM control and timing circuitry provides all the necessary address, control, and
refresh signals to interface to external DRAM.
The MX802 may also be used without DRAM (as a “stand alone” CVSD Codec), in which case direct access
is provided to the CVSD Codec digital data and clock signals. All signals are controlled by “C-BUS”
commands from the system microcontroller.
The MX802 may be used with a 5.0V power supply and is available in the following packages:
24-pin PLCC (MX802LH), 28-pin PLCC (MX802LH8), and 28-pin PDIP (MX802P).


Similar Part No. - MX802J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MX802J ETC1-MX802J Datasheet
216Kb / 24P
DVSR CODEC
More results

Similar Description - MX802J

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
UDA1342TS PHILIPS-UDA1342TS Datasheet
180Kb / 44P
Audio CODEC
2000 Mar 29
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
PCM CODEC
TLV320AIC1110 TI-TLV320AIC1110 Datasheet
508Kb / 39P
PCM CODEC
logo
List of Unclassifed Man...
MX802 ETC1-MX802 Datasheet
216Kb / 24P
DVSR CODEC
logo
OKI electronic componet...
ML7074-001 OKI-ML7074-001 Datasheet
328Kb / 31P
VoIP CODEC
logo
NXP Semiconductors
SAA7108AE NXP-SAA7108AE Datasheet
1Mb / 208P
HD-CODEC
Rev. 03-6 February 2007
logo
CML Microcircuits
FX802 CMLMICRO-FX802 Datasheet
129Kb / 14P
DVSR CODEC
logo
LAPIS Semiconductor Co....
ML7074-004 LAPIS-ML7074-004 Datasheet
659Kb / 98P
VoIP CODEC
ML7204-003 LAPIS-ML7204-003 Datasheet
2Mb / 214P
VoIP CODEC
logo
Analog Devices
ADAU1361 AD-ADAU1361 Datasheet
1Mb / 80P
Audio Codec
8/2018-Rev. C to Rev. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com