Electronic Components Datasheet Search
  English  ▼

X  

AP5727 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP5727
Description  BIAS POWER SUPPLY FOR OLED SUB DISPLAY AND TFT-LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5727 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP5727 Datasheet HTML 1Page - Diodes Incorporated AP5727 Datasheet HTML 2Page - Diodes Incorporated AP5727 Datasheet HTML 3Page - Diodes Incorporated AP5727 Datasheet HTML 4Page - Diodes Incorporated AP5727 Datasheet HTML 5Page - Diodes Incorporated AP5727 Datasheet HTML 6Page - Diodes Incorporated AP5727 Datasheet HTML 7Page - Diodes Incorporated AP5727 Datasheet HTML 8Page - Diodes Incorporated AP5727 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
AP5727
BIAS POWER SUPPLY FOR OLED
SUB DISPLAY AND TFT-LED
AP5727
Document number: DS31887 Rev. 2 - 2
1 of 10
www.diodes.com
January 2011
© Diodes Incorporated
Description
The AP5727 is a high efficiency boost converter in a
compact SOT25 that provides the bias voltages for OLED
Sub Display and TFT-LCD (Liquid Crystal Display).
A
high
1.2MHz
switching
frequency
and
internal
compensation minimizes external part count, PCB area and
cost. Integrated soft start reduces inrush current.
The AP5727 has a 1.25V feedback voltage making it
compatible with industry standard boost converters used to
bias LCD panels.
Pin Assignments
1
2
3
74
5
FB
SW
( Top View )
VIN
GND
SOT25
EN
Features
•
30V High Output Voltage
•
Fast 1.2MHz Switching Frequency
•
Current limit and UVLO Protections
•
Internal Thermal Shutdown
•
Maximum 1µA Shutdown Current
•
Integrated Soft-start Function
•
SOT25: Available in “Green” Molding Compound
(No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
Applications
•
Small size TFT-LCD Bias power supply.
•
OLED bias supply for a clamshell handset sub display
•
RF amplifier bias voltages
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at http://www.diodes.com/products/lead_free.html.
Typical Application Circuit
V
IN
SW
EN
GND
FB
AP5727
C
OUT
10uF
R2
L1
22uH
D1
V
IN
CIN
4.7uF
R1
V
OUT
Figure 1. Typical Application Circuit


Similar Part No. - AP5727

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP5727 DIODES-AP5727 Datasheet
420Kb / 2P
Boost converter for the bias voltage of small size OLED and LCD displays
AP5727WG-7 DIODES-AP5727WG-7 Datasheet
420Kb / 2P
Boost converter for the bias voltage of small size OLED and LCD displays
More results

Similar Description - AP5727

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1578-MAX1579 MAXIM-MAX1578-MAX1579 Datasheet
221Kb / 13P
Complete Bias and White LED Power Supplies for Small TFT Displays
Rev 0; 8/04
logo
Texas Instruments
TPS65161 TI-TPS65161 Datasheet
1Mb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
TPS65160 TI-TPS65160 Datasheet
730Kb / 28P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
logo
Zetex Semiconductors
DN66 ZETEX-DN66 Datasheet
169Kb / 6P
An OLED bias supply for a clamshell handset sub display
logo
Rohm
BD8160EFV ROHM-BD8160EFV Datasheet
354Kb / 6P
Main Power Supply For TFT-LCD Display Module
logo
Texas Instruments
TPS65161 TI-TPS65161_08 Datasheet
809Kb / 31P
BIAS POWER SUPPLY FOR TV AND MONITOR TFT LCD PANELS
logo
Eutech Microelectronics...
EUP2520 EUTECH-EUP2520 Datasheet
652Kb / 13P
Dual Output Step-Up Converter for White LED Backlighting and OLED Display Power Supply
logo
Global Mixed-mode Techn...
G5520A GMT-G5520A Datasheet
186Kb / 1P
Bias Power Supply for TFT LCD Panels
G5520 GMT-G5520 Datasheet
140Kb / 1P
Bias Power Supply for TFT LCD Panels
logo
Maxim Integrated Produc...
MAX1578 MAXIM-MAX1578_V01 Datasheet
265Kb / 13P
Complete Bias and White LED Power Supplies for Small TFT Displays
2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com