Electronic Components Datasheet Search
  English  ▼

X  

EV1050 Datasheet(PDF) 5 Page - CML Microcircuits

Part # EV1050
Description  User Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV1050 Datasheet(HTML) 5 Page - CML Microcircuits

  EV1050 Datasheet HTML 1Page - CML Microcircuits EV1050 Datasheet HTML 2Page - CML Microcircuits EV1050 Datasheet HTML 3Page - CML Microcircuits EV1050 Datasheet HTML 4Page - CML Microcircuits EV1050 Datasheet HTML 5Page - CML Microcircuits EV1050 Datasheet HTML 6Page - CML Microcircuits EV1050 Datasheet HTML 7Page - CML Microcircuits EV1050 Datasheet HTML 8Page - CML Microcircuits EV1050 Datasheet HTML 9Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Evaluation Kit User Manual for FX105A
EV1050
© 1998 Consumer Microcircuits Limited
5
UM1050/2
1.4
Signal Lists
CONNECTOR PINOUT - POWER
Connector
Ref.
Connector
Pin No.
Signal
Name
Signal
Type
Description
J1
1
VSS
Power
0V power from external power supply.
2
VIN
Power
+ve power from external power supply.
TEST POINTS
Test Point
Ref.
Default
Measurement
Description
TP1
0V
Detect output
TP2
VDD
Detect output LED
TP3
8 - 35V
VIN connection.
TP4
0V
VSS connection.
TP5
0V
VSS connection.
TP6
0V
VSS connection.
TP7
3.0V or 5.0V
VDD connection.
TP8
2640Hz
VCO, monitoring here may affect VCO frequency.
TP9
-
Signal input.
TP10
VDD/2
Signal input at FX105A.
TP11
-
Used with arrow mark on R1 for measurement of R1V.
TP12
-
Used with arrow mark on R2 for measurement of R2V.
TP13
-
Used with arrow mark on RW for measurement of RWV.
TP14
-
Used with arrow mark on RV for measurement of RVV.
JUMPERS
Link
Ref.
Positions
Default
Position
Description
JP1
1-2
o/c
Sets VDD = 3.0V (closed) or VDD = 5.0V (open)
JP2
1-2
s/c
Remove to measure IDD of FX105A.
SWITCHES
Switch
Ref.
Positions
Default
Position
Description
SW1
1-2/2-3
1-2
R1 Select: Fixed [R1A] (default) or Variable [R1V]
SW2
1-2/2-3
1-2
R2 Select: Fixed [R2A] (default) or Variable [R2V]
SW3
1-2/2-3
2-3
RW Select: Fixed [RWA] (default) or Variable [RWV]
SW4
1-2/2-3
2-3
RV Select: Fixed [RVA] (default) or Variable [RVV]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com