Electronic Components Datasheet Search
  English  ▼

X  

EV6021 Datasheet(PDF) 15 Page - CML Microcircuits

Part # EV6021
Description  User Manual
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV6021 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button EV6021 Datasheet HTML 11Page - CML Microcircuits EV6021 Datasheet HTML 12Page - CML Microcircuits EV6021 Datasheet HTML 13Page - CML Microcircuits EV6021 Datasheet HTML 14Page - CML Microcircuits EV6021 Datasheet HTML 15Page - CML Microcircuits EV6021 Datasheet HTML 16Page - CML Microcircuits EV6021 Datasheet HTML 17Page - CML Microcircuits EV6021 Datasheet HTML 18Page - CML Microcircuits EV6021 Datasheet HTML 19Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
Evaluation Kit for CMX602B
EV6021
 2000 Consumer Microcircuits Limited
15
UM6021/4
1.6.2.3
Main Window
Change the mode of operation of the CMX602B by checking the appropriate radio button in the CMX602B
modes section.
In the controls section checking either of External Phone Mute or Hook will energise the appropriate relay on
the EV6021 board. Checking AC load or Wetting Current will apply the appropriate load to the line.
Checking Local MUTE will disable the speech path via handset socket, J3 or jack socket, J4 or
testpoint TP6. Whenever DTMF is checked the current digit (selected in the combo box labelled
‘Digit’) will be generated by the EV6021 board (U5, TP5088).
The on-hook detection options override the setting of switch SW3 and control the level at the CMX602B pin 3.
The FSK/CAS source options override the setting of switches SW2 and SW4, selecting the path these signals
take from the line to the CMX602B.
The EV6021 Demonstrations buttons will run the functions or demonstrations described in the following
sections.
An indication will be made of the state of the RS232 communications link to the EV6021 board in the bottom
right of the panel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com