Electronic Components Datasheet Search
  English  ▼

X  

2SA1893 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1893
Description  Strobe Flash Applications Audio Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1893 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1893 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1893 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1893 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1893 Datasheet HTML 4Page - Toshiba Semiconductor 2SA1893 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA1893
2006-11-09
3
Collector-emitter voltage VCE (V)
IC – VCE
Collector current IC (A)
hFE – IC
Collector current IC (A)
VCE (sat) – IC
Base-emitter voltage VBE (V)
IC – VBE
−0.03
300
Common emitter
VCE = −2 V
10
30
50
100
1000
−0.1
−1
−10
−25
25
Tc = 100°C
−3
−0.3
−0.01
500
Ta = 100°C
Common emitter
IC/IB = 40
−3
−0.05
−0.1
−0.3
−0.5
−1
−25
−0.03
25
−0.03
−0.1
−1
−10
−3
−0.3
−0.01
0
0
Common emitter
Ta = 25°C
−9
−1
−5
−6
−3
−4
−5
−7
−6
−30
−100
−50
−70
−150
−20
IB = −10 mA
0
−200
−2
−1
−2
−3
−4
−7
−8
Common emitter
VCE = −2 V
0
−9
−1
−4
−5
−6
−0.6
−0.8
−1.2
Tc = 100°C
25
−1.4
−1.0
−0.2
−0.4
0
−2
−3
−7
−8
−25



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com