Electronic Components Datasheet Search
  English  ▼

X  

FX009A Datasheet(PDF) 2 Page - CML Microcircuits

Part # FX009A
Description  Low-Noise Digitally Controlled Amplifier Array
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX009A Datasheet(HTML) 2 Page - CML Microcircuits

  FX009A Datasheet HTML 1Page - CML Microcircuits FX009A Datasheet HTML 2Page - CML Microcircuits FX009A Datasheet HTML 3Page - CML Microcircuits FX009A Datasheet HTML 4Page - CML Microcircuits FX009A Datasheet HTML 5Page - CML Microcircuits FX009A Datasheet HTML 6Page - CML Microcircuits FX009A Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Pin Number
Function
FX009A
J
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
Serial Clock : This external clock pulse input is used to “clock in” the Control Data.
See Figure 4, Data Load Timing. This input has an internal 1M
Ω pullup resistor.
Load/Latch : Governs the loading and execution of the control data. During serial
data loading this input should be kept at a logical '0' to ensure that data rippling past
the latches has no effect. When all 8 bits have been loaded, this input should be
strobed '0'
⇒ '1' ⇒ '0' to latch the new data in. Data is executed on the falling edge
of the strobe. If the Load/Latch input is used this pin should be left open circuit. This
input has an internal 1M
Ω pullup resistor.
Load/Latch : The inverted Load/Latch input. This function governs the loading and
execution of the control data. During serial data loading this input should be kept at a
logical '1' to ensure that data rippling past the latches has no effect. When all 8 bits
have been loaded, this input should be strobed '1' - '0' - '1' to latch the new data in.
Data is executed on the rising edge of the strobe. If the Load/Latch input is used this
pin should be left open circuit. This input has an internal 1M
Ω pulldown resistor.
Ch1 Input :
Ch2 Input :
Ch3 Input :
Ch4 Input :
V
BIAS :
The output of the on-chip bias circuitry, held at V
DD/2.
This pin should be
decoupled to V
SS as shown in Figure 2.
Ch5 Input :
Ch6 Input :
Ch7 Input :
Ch8 Input :
V
SS :
Negative supply rail (GND).
Ch8 Output :
Ch7 Output :
Ch6 Output :
Ch5 Output :
No internal connection. Do not use.
Ch4 Output :
Ch3 Output :
Ch2 Output :
Ch1 Output :
V
DD :
Positive supply rail. A single +5-volt power supply is required.
Control Data Input : Operation of the 8 amplifier channels (Ch1 – Ch8) is controlled
by the 8 bits of data entered serially at this pin . The data is entered (bit 7 to bit 0) on
the rising edge of the external Serial Clock. The data format is described in Tables 1,
2 and Figure 4. This input has an internal 1M
Ω pullup resistor.
Analogue Outputs :
The individual "Gain Controlled" amplifier outputs.
Ch1 to Ch7 range from -3dB to +3dB in 0.43dB steps, Ch8
could be utilized as a volume control, ranging from -14dB to
+14dB in 2.0dB steps.
In the powersave mode the selected output is biased at V
DD/2.
Analogue Outputs
Note that amplifiers Ch1 to Ch8 are 'inverting amplifiers.'
Analogue Inputs :
These individual amplifier inputs are self-biasing, a.c. input
analogue signals must be capacitively coupled to these pins,
as shown in Figure 2.
In the powersave modes the inputs are biased at V
DD/2.
Note that amplifiers Ch1 to Ch8 are 'inverting amplifiers.'
Analogue Inputs :
FX009A
LG/LS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com