Electronic Components Datasheet Search
  English  ▼

X  

APM8600 Datasheet(PDF) 9 Page - Diodes Incorporated

Part # APM8600
Description  SINGLE CELL LINEAR LITHIUM BATTERY CHARGER WITH 28V OVP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

APM8600 Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button APM8600 Datasheet HTML 5Page - Diodes Incorporated APM8600 Datasheet HTML 6Page - Diodes Incorporated APM8600 Datasheet HTML 7Page - Diodes Incorporated APM8600 Datasheet HTML 8Page - Diodes Incorporated APM8600 Datasheet HTML 9Page - Diodes Incorporated APM8600 Datasheet HTML 10Page - Diodes Incorporated APM8600 Datasheet HTML 11Page - Diodes Incorporated APM8600 Datasheet HTML 12Page - Diodes Incorporated APM8600 Datasheet HTML 13Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
APM8600
SINGLE CELL LINEAR LITHIUM BATTERY CHARGER
WITH 28V OVP AND PROGRAMMABLE CHARGE TIMER
APM8600
Document number: DS35140 Rev. 1 - 2
9 of 14
www.diodes.com
December 2010
© Diodes Incorporated
Functional Description (continued)
CT
The Charge Timer input on pin 5 allows selection of how long the system timers for Prequal, Charge and Top-off
states last. They are set by selecting the value of capacitor, CCT:
⎟
⎠
⎞
⎜
⎝
⎛
×
=
nF
68
CCT
min
334
TCHARGE
⎟
⎠
⎞
⎜
⎝
⎛
×
=
=
nF
68
CCT
min
34.8
TTOPOFF
TPREQUAL
The charge timer will hold its current value if the charging was stopped via the thermistor and continue when the battery is in
a valid temperature range for charging.
OUTPUTS
BAT
Pin 1 is the current-controlled charging output for the battery cell. It should be connected to the positive terminal of
the battery. The chip monitors the voltage on this pin. There should be a 2.2µF capacitor connected from BAT to GND.
POK
The POK flag on pin 10 is pulled low when a valid power input is available on DC. It will go high when no valid
power is available and the device will enter the Disable state.
CHG
The CHG flag at pin 11 is pulled low when the device is in the Charge state. It will be high in Prequal and Top-off
states. If the thermistor trips the circuit into the THM state (from Prequal or Charge states), CHG will hold its previous value.
FLT
The FLT flag on pin 14 indicates a battery fault, as determined by a time-out in either the Prequal or Charge states.
If the battery voltage does not reach 3V after the prequal timer (default 34.8mins), or does not reduce charging current to
7.5% after the charge timer (default 334mins), this indicates that the battery has failed or is failing and this will trigger the
FLT flag. This flag will not automatically reset, and can only be cleared by cycling the power input or the EN pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com