Electronic Components Datasheet Search
  English  ▼

X  

FX105AD4 Datasheet(PDF) 13 Page - CML Microcircuits

Part # FX105AD4
Description  Tone Detector
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX105AD4 Datasheet(HTML) 13 Page - CML Microcircuits

Back Button FX105AD4 Datasheet HTML 8Page - CML Microcircuits FX105AD4 Datasheet HTML 9Page - CML Microcircuits FX105AD4 Datasheet HTML 10Page - CML Microcircuits FX105AD4 Datasheet HTML 11Page - CML Microcircuits FX105AD4 Datasheet HTML 12Page - CML Microcircuits FX105AD4 Datasheet HTML 13Page - CML Microcircuits FX105AD4 Datasheet HTML 14Page - CML Microcircuits FX105AD4 Datasheet HTML 15Page - CML Microcircuits FX105AD4 Datasheet HTML 16Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Tone Detector
FX105A
© 1999 Consumer Microcircuits Limited
13
D/105A/5
Operating Characteristics
For the following conditions unless otherwise specified:
VDD = 3.0V to 5.0V, Tamb = -40°C to +85°C, Load resistance on decoder output pin = 20kΩ
Notes
Min.
Typ.
Max.
Units
Static Parameters
IDD
2
-
0.9
3.0
mA
Amplifier Input Impedance
-
200
-
k
Ω
Digital Output Impedance
-
500
-
Ω
Analogue Output Impedance
-
1000
-
Ω
Dynamic Parameters
Input Signal
Amplitude
2
-
-
1.0
Vrms
Frequency
40
-
20,000
Hz
Response Threshold
1,2
-
30
-
mVrms
Deresponse Threshold
1,2
-
10
-
mVrms
BW Range
4
5.6
-
10
%f0
Signal to Noise Performance
-6
-9
-
dB
(f0/2) Subharmonic Rejection
-
30
-
dB
(5 f0) Harmonic Rejection
-
20
-
dB
VCO
Frequency
3
240
-
120,000
Hz
Frequency Stability (TC)
-
-100
-
ppm/°C
Frequency Stability (VC)
-
2330
-
ppm/V
Amplifier
Open Loop Gain
-
60
-
dB
Gain Bandwidth Product
-
1.0
-
MHz
Closed Loop Gain
-
0
-
dB
Word Commutating Filter
Sensitivity (VTH)
2
-
25.0
-
mVrms
Notes:
1.
With diode (D1) fitted.
2.
For VDD = 5V. Multiply by VDD/5V for other supply values.
3.
Observing pins 13, 14 or 15 (D4/P3 package) will cause a frequency shift due to additional
loading. If tuning the centre frequency by observing the VCO, design in a buffer amplifier
between pin 15 and the probe/calibration point and tune with no input signal. Otherwise, tune
by observing the detect output band edges while sweeping the input signal. The frequency at
pin 15 is 6xfo, while at pins 13 and 14 the frequency is 3xfo.
4.
Adjust according to equation for R2 in Section 1.6.2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com