Electronic Components Datasheet Search
  English  ▼

X  

2SA1933 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SA1933
Description  High-Current Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1933 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SA1933 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1933 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1933 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1933 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SA1933
2006-11-09
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT Process)
2SA1933
High-Current Switching Applications
• Low collector saturation voltage: VCE (sat) = −0.4 V (max) (IC = −2 A)
• High-speed switching time: tstg = 1.0 μs (typ.)
• Complementary to 2SC5175
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−60
V
Collector-emitter voltage
VCEO
−50
V
Emitter-base voltage
VEBO
−7
V
Collector current
IC
−5
A
Base current
IB
−1
A
Collector power dissipation
PC
1.8
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Industrial Applications
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-10T1A
Weight: 1.5 g (typ.)


Similar Part No. - 2SA1933

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1930 TOSHIBA-2SA1930 Datasheet
119Kb / 5P
Power Amplifier Applications Driver Stage Amplifier Applications
logo
New Jersey Semi-Conduct...
2SA1930 NJSEMI-2SA1930 Datasheet
67Kb / 2P
Silicon PNP Power Transistor
logo
Foshan Blue Rocket Elec...
2SA1930 FOSHAN-2SA1930 Datasheet
1,005Kb / 6P
Silicon PNP transistor in a TO-220F Plastic Package.
logo
Toshiba Semiconductor
2SA1930 TOSHIBA-2SA1930 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SA1930 ISC-2SA1930 Datasheet
279Kb / 2P
Silicon PNP Power Transistor
More results

Similar Description - 2SA1933

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SA1706 SANYO-2SA1706 Datasheet
118Kb / 4P
High-Current Switching Applications
2SB1216 SANYO-2SB1216 Datasheet
126Kb / 4P
High-Current Switching Applications
2SB1269 SANYO-2SB1269 Datasheet
99Kb / 4P
High-Current Switching Applications
2SB1509 SANYO-2SB1509 Datasheet
114Kb / 3P
High-Current Switching Applications
2SC4306 SANYO-2SC4306 Datasheet
92Kb / 3P
High-Current Switching Applications
logo
Unisonic Technologies
2SD1804 UTC-2SD1804 Datasheet
63Kb / 5P
HIGH CURRENT SWITCHING APPLICATIONS
logo
Guangdong Kexin Industr...
2SB1204 KEXIN-2SB1204 Datasheet
47Kb / 2P
High-Current Switching Applications
2SB1201 KEXIN-2SB1201 Datasheet
47Kb / 2P
High-Current Switching Applications
logo
Sanyo Semicon Device
ECH8202 SANYO-ECH8202 Datasheet
279Kb / 4P
High-Current Switching Applications
logo
Toshiba Semiconductor
2SC3303Y TOSHIBA-2SC3303Y Datasheet
173Kb / 5P
High Current Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com