Electronic Components Datasheet Search
  English  ▼

X  

DMN6066SSD Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN6066SSD
Description  60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6066SSD Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN6066SSD Datasheet HTML 1Page - Diodes Incorporated DMN6066SSD Datasheet HTML 2Page - Diodes Incorporated DMN6066SSD Datasheet HTML 3Page - Diodes Incorporated DMN6066SSD Datasheet HTML 4Page - Diodes Incorporated DMN6066SSD Datasheet HTML 5Page - Diodes Incorporated DMN6066SSD Datasheet HTML 6Page - Diodes Incorporated DMN6066SSD Datasheet HTML 7Page - Diodes Incorporated DMN6066SSD Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DMN6066SSD
Document Number DS32109 Rev 1 - 2
1 of 8
www.diodes.com
March 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
DMN6066SSD
60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on)
ID
TA = 25°C
60V
66m
Ω @ VGS= 10V
4.4A
97m
Ω @ VGS= 4.5V
3.6A
Description and Applications
This MOSFET has been designed to minimize the on-state resistance
and yet maintain superior switching performance, making it ideal for
high efficiency power management applications.
•
Motor control
•
Backlighting
•
DC-DC Converters
•
Power management functions
Features and Benefits
•
Low on-resistance
•
Fast switching speed
•
“Green” component and RoHS compliant (Note 1)
•
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
•
Case: SO-8
•
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0 (Note 1)
•
Moisture Sensitivity: Level 1 per J-STD-020
•
Terminals Connections: See diagram below
•
Terminals: Finish - Matte Tin annealed over Copper lead frame.
Solderable per MIL-STD-202, Method 208
•
Weight: 0.074 grams (approximate)
Ordering Information (Note 1)
Product
Marking
Reel size (inches)
Tape width (mm)
Quantity per reel
DMN6066SSD-13
N6066SD
13
12
2,500
Note:
1. Diodes, Inc. defines “Green” products as those which are RoHS compliant and contain no halogens or antimony compounds; further information about
Diodes Inc.’s “Green” Policy can be found on our website. For packaging details, go to our website.
Marking Information
Top View
Equivalent Circuit
Top View
SO-8
D2
S2
G2
D1
S1
G1
= Manufacturer’s Marking
N6066SD = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 09 = 2009)
WW = Week (01-53)
N6066SD
YY
WW


Similar Part No. - DMN6066SSD

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6066SSD-13 DIODES-DMN6066SSD-13 Datasheet
441Kb / 9P
60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMN6066SSDQ-13 DIODES-DMN6066SSDQ-13 Datasheet
441Kb / 9P
60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMN6066SSD DIODES-DMN6066SSD_15 Datasheet
441Kb / 9P
60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
More results

Similar Description - DMN6066SSD

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09DN8 ZETEX-ZXMN6A09DN8 Datasheet
694Kb / 8P
DUAL 60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Diodes Incorporated
DMN6070SSD DIODES-DMN6070SSD_15 Datasheet
240Kb / 6P
60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 3
DMN6066SSD DIODES-DMN6066SSD_15 Datasheet
441Kb / 9P
60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
DMN6040SSD DIODES-DMN6040SSD_15 Datasheet
254Kb / 6P
60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
Rev 4
logo
Pan Jit International I...
PJL9830A PANJIT-PJL9830A Datasheet
398Kb / 7P
60V Dual N-Channel Enhancement Mode MOSFET
logo
AiT Semiconductor Inc.
AM6N7002 AITSEMI-AM6N7002 Datasheet
460Kb / 8P
MOSFET 60V DUAL N-CHANNEL ENHANCEMENT MODE
REV1.0
logo
Pan Jit International I...
PJQ5866A-AU PANJIT-PJQ5866A-AU Datasheet
477Kb / 7P
60V Dual N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
PJL9836A PANJIT-PJL9836A Datasheet
589Kb / 7P
60V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.00
logo
TECH PUBLIC Electronics...
2N7002BKV TECHPUBLIC-2N7002BKV Datasheet
945Kb / 3P
60V Dual N-Channel Enhancement Mode MOSFET
SI1026X TECHPUBLIC-SI1026X Datasheet
949Kb / 3P
60V Dual N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com