Electronic Components Datasheet Search
  English  ▼

X  

FX118P Datasheet(PDF) 3 Page - CML Microcircuits

Part # FX118P
Description  Duplex Frequency Inverter for Cordless Telephones
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX118P Datasheet(HTML) 3 Page - CML Microcircuits

  FX118P Datasheet HTML 1Page - CML Microcircuits FX118P Datasheet HTML 2Page - CML Microcircuits FX118P Datasheet HTML 3Page - CML Microcircuits FX118P Datasheet HTML 4Page - CML Microcircuits FX118P Datasheet HTML 5Page - CML Microcircuits FX118P Datasheet HTML 6Page - CML Microcircuits FX118P Datasheet HTML 7Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Application Information
Fig.3 Example of the FX118 Employed in a Cordless Telephone Application
V
BIAS
C1 AMP OUT
V
DD
C1 IN
CHANNEL 1 INPUT
C2 AMP OUT
C2 IN
CHANNEL 2 INPUT
B MOD(1) IN
LPF(1) OUT
B MOD(2) IN
LPF(2) OUT
VDD
XTAL
XTAL/CLOCK
C2 OUT
CHANNEL 1 OUTPUT
CHANNEL 2 OUTPUT
X 1
R
1
C 1
C
3
C
2
C
4
R
3
R
2
C
5
R
4
R
5
VSS
V
SS
C1 OUT
1
2
3
4
5
6
7
89
10
11
12
13
14
15
16
FX118
V
SS
C
6
C 7
C 8
Tolerances C =
±20% R = ±10%
CHANNEL 2 (C2)
CHANNEL 1 (C1)
FX118
AF AMP
DE-EMPHASIS
DETECTION
IF
AMP
RF
AMP
RF
AMP
PRE-
EMPHASIS
AF AMP
MODULATION
FM
FM
Rx Channel
Tx Channel
HANDHELD UNIT
CHANNEL 2 (C2)
CHANNEL 1 (C1)
FX118
AF AMP
DE-EMPHASIS
DETECTION
IF
AMP
RF
AMP
RF
AMP
PRE-
EMPHASIS
AF AMP
MODULATION
FM
FM
HYBRID
TRANSFORMER
TELEPHONE
LINE
Rx Channel
Tx Channel
BASE UNIT
Fig.2 Recommended External Components
NOTES
1.
Configurations R
2, R3, C5 and R4, R5, C6 should be chosen with respect to the specific application.
2.
Operation of any CML microcircuit without a Xtal or clock input may cause device damage. To minimise damage
in the event of a Xtal/drive failure, it is recommended that the power rail (V
DD) is fitted with a current limiting
device (resistor or fast-reaction fuse).
Component
Value
R
1
=
1.0M
Ω
R
2 R3 C5
See Note
R
4 R5 C6
See Note
C
1
47pF
C
2
=
33pF
C
3
0.47
µF
C
4
1.0
µF
C
7
=
1.0
µF
C
8
1.0
µF
X
1
4.433619MHz



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com