Electronic Components Datasheet Search
  English  ▼

X  

2SA1937 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA1937
Description  High-Voltage Switching Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1937 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA1937 Datasheet HTML 1Page - Toshiba Semiconductor 2SA1937 Datasheet HTML 2Page - Toshiba Semiconductor 2SA1937 Datasheet HTML 3Page - Toshiba Semiconductor 2SA1937 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2SA1937
2009-12-21
3
Collector-emitter voltage VCE (V)
IC – VCE
IC – VBE
Base-emitter voltage VBE (V)
Collector current IC (mA)
hFE – IC
Common emitter
Tc = 25°C
0
0
−500
−100
IB = −0.2 mA
−200
−300
−400
−4
−8
−12
−80
−100
−40
−20
−2
−20
−60
−10
−16
−5
−1
−0.5
3
−1
1000
10
−10
−100
−1000
Common emitter
VCE = −5 V
Tc = 100°C
−55
25
30
100
300
−30
−3
−300
Common emitter
VCE = −5 V
0
0
−500
−100
−200
−300
−400
−0.2
−0.4
−0.6
−0.8
−1.0
−1.2
Tc = 100°C
−55
25
Collector-emitter voltage VCE (V)
Safe Operating Area
Collector current IC (mA)
VCE (sat) – IC
Collector current IC (mA)
VBE (sat) – IC
−0.05
−1
−30
Common emitter
IC/IB = 10
Tc = 100°C
−55
25
−30
−300
−3000
−3
−100
−10
−1000
−0.1
−10
−5
−0.3
−0.5
−1
−3
−10
−0.1
−1
Tc = 100°C
−55
25
Common emitter
IC/IB = 10
−30
−300
−3
−100
−10
−1000
−5
−0.3
−0.5
−1
−3
−3000
−1
−1
*: Single nonrepetitive pulse
Tc = 25°C
Curves must be derated linearly
with increase in temperature.
IC max (continuous)
IC max (pulsed)*
VCEO
max
100 μs*
10 ms*
10 μs*
300 μs*
1 ms*
DC operation
Tc = 25°C
−3
−5
−10
−30
−1000
−50
−100
−300
−500
−3
−10
−30
−100
−300
−3000
−1000
100 ms*



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com