Electronic Components Datasheet Search
  English  ▼

X  

FX529J Datasheet(PDF) 2 Page - CML Microcircuits

Part # FX529J
Description  FFSK MODEM FOR TRUNKED RADIO SYSTEMS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX529J Datasheet(HTML) 2 Page - CML Microcircuits

  FX529J Datasheet HTML 1Page - CML Microcircuits FX529J Datasheet HTML 2Page - CML Microcircuits FX529J Datasheet HTML 3Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
CML does not assume any responsibility for the use of any circuitry described. No circuit patent licences are implied
and CML reserves the right at any time without notice to change the said circuitry.
FX529 - Brief Specification
Package Styles Available
FX529J
24-pin cerdip DIL
(J4)
FX529LG
24-pin quad plastic encapsulated
bent and cropped
(L1)
FX529LS
24-lead plastic leaded
chip carrier
(L2)
Function
FFSK Modem for trunked radio systems
Supply Voltage Range
4.5 to 5.5 volts
Supply Current
(5.0V) 7.0 mA maximum
Control
8-bit parallel
Duplex
Full
Data Rate
1200 baud
Xtal/Clock Frequency
4.032 MHz
Package Styles
24-pin cerdip DIL (FX529J)
24-pin PLCC
(FX529LG)
24-pin PLCC
(FX529LS)
Full details of this product are available from CML or its distributors
V
BIAS
V
DD
V
DD
V
SS
V
SS
V
SS
TRANSMIT OUTPUT
MICROPROCESSOR DATA INTERFACE
RECEIVE INPUT
XTAL
XTAL/CLOCK
'CD' TIME CONSTANT
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
FX529J
D
1
D
1
D
6
IRQ
D
3
D
4
A
0
D
5
D
0
D
0
D
7
A
2
D
2
D
5
A
1
D
4
D
2
D
6
D
3
D
7
STROBE
4
CLOCK



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com