Electronic Components Datasheet Search
  English  ▼

X  

FX579D4 Datasheet(PDF) 18 Page - CML Microcircuits

Part # FX579D4
Description  HALF DUPLEX GMSK MODEM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX579D4 Datasheet(HTML) 18 Page - CML Microcircuits

Back Button FX579D4 Datasheet HTML 14Page - CML Microcircuits FX579D4 Datasheet HTML 15Page - CML Microcircuits FX579D4 Datasheet HTML 16Page - CML Microcircuits FX579D4 Datasheet HTML 17Page - CML Microcircuits FX579D4 Datasheet HTML 18Page - CML Microcircuits FX579D4 Datasheet HTML 19Page - CML Microcircuits FX579D4 Datasheet HTML 20Page - CML Microcircuits FX579D4 Datasheet HTML 21Page - CML Microcircuits FX579D4 Datasheet HTML 22Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Half Duplex GMSK Modem
FX579
© 1996 Consumer Microcircuits Limited
18
D/579/4
b)
Bandwidth and phase response of the Rx IF filters.
c)
Accuracy of the Tx and Rx carrier frequencies.
(Any difference will shift the received signal towards one of the skirts of the IF filter
response.)
AC Coupling of Tx and Rx Signals
Ideally, the transmit path to the modulator should be dc coupled. Similarly, the Rx demodulated signal
after external adjustment should be dc coupled to the FX579 RXIN pin, providing a signal symmetrically
centred about VBIAS. Figure 9 shows the bit error rate (BER) performance under these conditions for
BT values of 0.3 and 0.5 in peak averaging mode. However, practical applications may require ac
coupling from the FX579's transmit output to the frequency modulator and between the receiver's
frequency discriminator and the FX579's receive input. This creates two problems:
a)
AC coupling of the signal will degrade the FX579's bit error rate (BER) performance, as shown
in Figure 10 for a data rate of 8kbits/sec, with VDD = 5V and BT = 0.3.
b)
AC coupling at the receive input will transform a step in the voltage at the discriminator output
to a slowly decaying pulse which can confuse the FX579's level measuring circuits. Sufficient
time should therefore be allowed for the signal into the FX579 to settle before the ACQUIRE
line is activated.
It is recommended that a data message does not contain long sequences of consecutive ones or
zeroes and that the Tx and Rx path frequency responses have cut off frequencies of
≤5Hz and ≤20Hz
respectively, for a data rate of 8kbits/sec and BT = 0.3.
Two-Point Modulation
When designing the FX579 into a radio that uses a frequency synthesiser, a two point modulation
technique is recommended.
This is to prevent the radio's PLL circuitry from counteracting the
modulation process, and so provide a clean flat modulation response down to dc.
The transmit output (after the external RC) should be suitably buffered before being applied to the
radio's synthesizer.
The drive should be applied to both the Voltage Controlled Oscillator and
Reference Oscillator Modulation inputs with suitable ac/dc levels and with correct phase to achieve
good cancellation of the loop's feedback and so provide a flat modulation response.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com