Electronic Components Datasheet Search
  English  ▼

X  

FX602D4 Datasheet(PDF) 7 Page - CML Microcircuits

Part # FX602D4
Description  CALLING LINE IDENTIFIER
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX602D4 Datasheet(HTML) 7 Page - CML Microcircuits

Back Button FX602D4 Datasheet HTML 3Page - CML Microcircuits FX602D4 Datasheet HTML 4Page - CML Microcircuits FX602D4 Datasheet HTML 5Page - CML Microcircuits FX602D4 Datasheet HTML 6Page - CML Microcircuits FX602D4 Datasheet HTML 7Page - CML Microcircuits FX602D4 Datasheet HTML 8Page - CML Microcircuits FX602D4 Datasheet HTML 9Page - CML Microcircuits FX602D4 Datasheet HTML 10Page - CML Microcircuits FX602D4 Datasheet HTML 11Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
Calling Line Identifier
FX602
© 1998 Consumer Microcircuits Limited
7
D/602/7
1.5
General Description
1.5.1
Mode Control Logic
The FX602's operating mode and the source of the DET and IRQN outputs are determined by the logic levels
applied to the MODE and ZP input pins;
ZP
MODE
Mode
DET o/p from
IRQN o/p from
0
0
Tone Alert Detect
Tone Alert Signal
Detection
End of Tone Alert Signal.
Ring or Line Polarity
Reversal Detector.
0
1
FSK Receive
FSK Level Detector
FSK Data Retiming [1].
Ring or Line Polarity
Reversal Detector.
1
0
'Zero-Power'
Ring or Line Polarity
Reversal Detector.
Ring or Line Polarity
Reversal Detector.
1
1
'Zero-Power'
Ring or Line Polarity
Reversal Detector.
-
[1] If enabled.
In the 'Zero-Power' modes, power is removed from all of the internal circuitry except for the Ring or Line
Polarity Reversal Detector and the DET and IRQN outputs.
1.5.2
Input Signal Amplifier
This amplifier is used to convert the balanced FSK and Tone Alert signals received over the telephone line to
an unbalanced signal of the correct amplitude for the FSK receiver and Tone Alert Detector circuits.
Figure 3a : Input Signal Amplifier, balanced input configuration
The design equations for this circuit are;
Differential voltage gain VAOP / V(b-a) = R8/R6
R6 = R7 = 470k
Ω
R10 = 160k
Ω
R9 = R8 x R10 / (R8 - R10)
The target differential voltage gain depends on the expected signal levels between the A and B wires and the
FX602's internal threshold levels, which are proportional to the supply voltage.
The FX602 has been designed to meet the applicable specifications with R8 = 470k
Ω at VDD = 3.3V nominal,
rising to 680k
Ω at VDD = 5.0V, and R9 should be 240kΩ at VDD = 3.3V and 200kΩ at VDD = 5.0V as shown in
section 1.4 and Fig 3c.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com