Electronic Components Datasheet Search
  English  ▼

X  

FX631P Datasheet(PDF) 3 Page - CML Microcircuits

Part # FX631P
Description  Low-Voltage SPM Detector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX631P Datasheet(HTML) 3 Page - CML Microcircuits

  FX631P Datasheet HTML 1Page - CML Microcircuits FX631P Datasheet HTML 2Page - CML Microcircuits FX631P Datasheet HTML 3Page - CML Microcircuits FX631P Datasheet HTML 4Page - CML Microcircuits FX631P Datasheet HTML 5Page - CML Microcircuits FX631P Datasheet HTML 6Page - CML Microcircuits FX631P Datasheet HTML 7Page - CML Microcircuits FX631P Datasheet HTML 8Page - CML Microcircuits FX631P Datasheet HTML 9Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Application Inf
Application Inf
Application Inf
Application Inf
Application Information
ormation
ormation
ormation
ormation
External Components
External Components
External Components
External Components
External Components
Fig.2 Recommended External Components - Differential Input Mode
Tip (a)
Ring (b)
INPUT AMP
VBIAS
VSS
INPUT AMP
VBIAS
VSS
Fig.3 Example Input Configurations
Differential Input
Common Mode Input
V
DD
V
DD
V
SS
C 1
C 2
C4
C3
R4
R3
R2
R1
V
SS
V
BIAS
V
SS
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
FX631DW
For use with a Clock Pulse input
- Remove Xtal (X
1)
- Connect Pin 1 to V
DD
- Remove link (Pins 3/4)
- Input clock pulses to CLOCK IN
TONE FOLLOWER OUTPUT
PACKET MODE OUTPUT
SYSTEM
CLOCK IN
CLOCK IN
XTAL/CLOCK
SIGNAL IN (+)
SIGNAL IN (-)
AMP OUT
X 1
XTAL/CLOCK
CLOCK OUT
XTAL
Component
Component
Component
Component
Component
Value
Value
Value
Value
Value
R
1
R
FEEDBACK
R
2
R
IN (-)
R
3
R
IN (+)
R
4
R
BIAS
C
1
1.0µF ±20%
C
2
1.0µF ±20%
C
3
C
IN (-)
C
4
C
IN (+)
X
1
3.579545MHz
External Components
External Components
External Components
External Components
External Components
1. The values of the Input Amp gain components
illustrated are calculated using the Input Gain
Calculation Graphs (Figures 4 and 5).
Whilst calculating input gain components, for
correct operation, it is recommended that the values
of resistors R
1 and R4 are always greater than, or
equal to, 33k
Ω.
2. Refer to following pages for advice on Microcircuit
Protection from high and spurious line voltages.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com