Electronic Components Datasheet Search
  English  ▼

X  

ZXCT1082 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # ZXCT1082
Description  PRECISION HIGH VOLTAGE HIGH-SIDE CURRENT MONITORS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCT1082 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button ZXCT1082 Datasheet HTML 5Page - Diodes Incorporated ZXCT1082 Datasheet HTML 6Page - Diodes Incorporated ZXCT1082 Datasheet HTML 7Page - Diodes Incorporated ZXCT1082 Datasheet HTML 8Page - Diodes Incorporated ZXCT1082 Datasheet HTML 9Page - Diodes Incorporated ZXCT1082 Datasheet HTML 10Page - Diodes Incorporated ZXCT1082 Datasheet HTML 11Page - Diodes Incorporated ZXCT1082 Datasheet HTML 12Page - Diodes Incorporated ZXCT1082 Datasheet HTML 13Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
ZXCT1082/83/84/85/86/87
ZXCT1082/83/84/85/86/87
Document number: DS32162 Rev. 1 - 2
12 of 13
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Part Number
Status
Pack
Part mark
Reel Size
Tape width
Quantity
per reel
ZXCT1082E5TA
Preview
SOT25
1082
7”, 180mm
8mm
3000
ZXCT1083E5TA
Preview
SOT25
1083
7”, 180mm
8mm
3000
ZXCT1084E5TA
Preview
SOT25
1084
7”, 180mm
8mm
3000
ZXCT1085E5TA
Preview
SOT25
1085
7”, 180mm
8mm
3000
ZXCT1086E5TA
Preview
SOT25
1086
7”, 180mm
8mm
3000
ZXCT1087E5TA
Preview
SOT25
1087
7”, 180mm
8mm
3000
Package Outline Dimensions
SOT25
DIM
Millimeters
Inches
Min
Max
Min
Max
A
0.90
1.45
0.0354
0.0570
A1
0.00
0.15
0.00
0.0059
A2
0.90
1.3
0.0354
0.0511
b
0.20
0.50
0.0078
0.0196
C
0.09
0.26
0.0035
0.0102
D
2.70
3.10
0.1062
0.1220
E
2.20
3.20
0.0866
0.1181
E1
1.30
1.80
0.0511
0.0708
e
0.95 REF
0.0374 REF
e1
1.90 REF
0.0748 REF
L
0.10
0.60
0.0039
0.0236
a°
0
30
0
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com