Electronic Components Datasheet Search
  English  ▼

X  

FX633 Datasheet(PDF) 4 Page - CML Microcircuits

Part # FX633
Description  Call Progress Tone Detector
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX633 Datasheet(HTML) 4 Page - CML Microcircuits

  FX633 Datasheet HTML 1Page - CML Microcircuits FX633 Datasheet HTML 2Page - CML Microcircuits FX633 Datasheet HTML 3Page - CML Microcircuits FX633 Datasheet HTML 4Page - CML Microcircuits FX633 Datasheet HTML 5Page - CML Microcircuits FX633 Datasheet HTML 6Page - CML Microcircuits FX633 Datasheet HTML 7Page - CML Microcircuits FX633 Datasheet HTML 8Page - CML Microcircuits FX633 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Call Progress Tone Detector
FX633
© 1996 Consumer Microcircuits Limited
4
D/633/3
1.3
Signal List
Package
D4
Package
P1
Signal
Description
Pin No.
Pin No.
Name
Type
2
1
XTAL/CLOCK
I/P
The input to the on-chip oscillator, for external
Xtal circuit or clock.
3
2
XTALN
O/P
The inverted output of the on-chip oscillator.
5
3
ENABLE
I/P
A logic "0" pulse of at least 1µs applied to this
input resets the decoder circuits and forces both
DETECT1 and DETECT2 outputs to a logic "0".
7
4
DETECT1
O/P
When a call progress signal is detected, this
output goes to a logic "1".
10
5
SIGIN
I/P
Signal input. Signals to this pin should be ac
coupled. The dc bias of this pin is set internally.
12
6
Vss
Power
The negative supply rail (ground).
13
7
DETECT2
O/P
This output is used in conjunction with
DETECT1.
When DETECT1 is at a logic "1", this output
goes to a logic "1" if a Call Progress High Band
signal is detected.
When DETECT1 is at a logic "0", this output
goes to a logic "1" if a Non Call Progress signal
is detected.
15
8
VDD
Power
The positive supply rail. This pin should be
decoupled to VSS by a capacitor.
1, 4, 6,
8, 9, 11,
14, 16
NC
Internal Connection. Do not make any
connection to these pins.
Notes:
I/P
=
Input
O/P
=
Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com