Electronic Components Datasheet Search
  English  ▼

X  

FX651D4 Datasheet(PDF) 1 Page - CML Microcircuits

Part # FX651D4
Description  SPM and Security Subsystem
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX651D4 Datasheet(HTML) 1 Page - CML Microcircuits

  FX651D4 Datasheet HTML 1Page - CML Microcircuits FX651D4 Datasheet HTML 2Page - CML Microcircuits FX651D4 Datasheet HTML 3Page - CML Microcircuits FX651D4 Datasheet HTML 4Page - CML Microcircuits FX651D4 Datasheet HTML 5Page - CML Microcircuits FX651D4 Datasheet HTML 6Page - CML Microcircuits FX651D4 Datasheet HTML 7Page - CML Microcircuits FX651D4 Datasheet HTML 8Page - CML Microcircuits FX651D4 Datasheet HTML 9Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
CML Semiconductor Products
SPM and Security Subsystem
FX651
© 1997 Consumer Microcircuits Limited
D/651/4 September 1997
1.0
Features
Provisional Information
• Two Integrated Telecoms
Functions:
• Low Power (3.3V) Requirement
• 12kHz SPM Detector
• Half Duplex 18kHz Modem
• Component Adjustable Input
Sensitivity
• Compact 16-pin Small Outline
(SOIC) Package
• Meets European 12kHz SPM
Frequency Specifications
• Card Operated Telephone
Installations
• Worldwide Pay-Phone
Applications
VBIAS
1.1
Brief Description
The FX651 integrated circuit combines 12kHz Subscriber Private Metering (SPM) detection with 18kHz
tone processing for anti-fraud purposes within a telephone system. This compact, low power device is
suitable for battery or line powered systems. Under simple logic or
µProcessor control it will:
Decode 12kHz SPM pulses in the presence of high level voice and 18kHz signalling, and
provide a logic output.
Transmit an NRZ modulated 18kHz security tone to line.
Decode an incoming modulated 18kHz security tone in the presence of high level voice
and 12 kHz SPM tones, and provide a logic output.
Employing high accuracy switched capacitor filters, the FX651 is protected from crosstalk and false
decoding.


Similar Part No. - FX651D4

ManufacturerPart #DatasheetDescription
logo
Glamox
FX65-P GLAMOX-FX65-P Datasheet
435Kb / 2P
For special tasks.
6/16/2025
FX65-P1006 SMP GLAMOX-FX65-P1006 SMP Datasheet
435Kb / 2P
For special tasks.
6/16/2025
FX65-P1015 MP/OP GLAMOX-FX65-P1015 MP/OP Datasheet
435Kb / 2P
For special tasks.
6/16/2025
FX65-P1506 SMP GLAMOX-FX65-P1506 SMP Datasheet
435Kb / 2P
For special tasks.
6/16/2025
FX65-P1519 MP/OP GLAMOX-FX65-P1519 MP/OP Datasheet
435Kb / 2P
For special tasks.
6/16/2025
More results

Similar Description - FX651D4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC13001X MOTOROLA-MC13001X Datasheet
272Kb / 10P
Monomax Black and White TV Subsystem
logo
Laird Tech Smart Techno...
ECCOSTOCK-SH LSTD-ECCOSTOCK-SH Datasheet
114Kb / 2P
Security and Defense
logo
Silicon Laboratories
EFR32MG1 SILABS-EFR32MG1 Datasheet
1Mb / 94P
Home and Building Automation and Security
logo
OmniVision Technologies...
OV6930 OMNIVISION-OV6930 Datasheet
5Mb / 2P
Security and Surveillance
logo
ON Semiconductor
FNB80460T3 ONSEMI-FNB80460T3 Datasheet
883Kb / 17P
Motion SPM
April 2017 Rev. 1.0
FSBB20CH120DF ONSEMI-FSBB20CH120DF Datasheet
653Kb / 16P
Motion SPM
February 2017 Rev. 1.0
logo
OmniVision Technologies...
OV5658 OMNIVISION-OV5658 Datasheet
1Mb / 2P
Security and Surveillance
logo
NXP Semiconductors
MKMXXZXXACXX5 NXP-MKMXXZXXACXX5 Datasheet
1Mb / 53P
Security and integrity modules
Rev. 1, 09/2014
MKMXXZXXCXX5 NXP-MKMXXZXXCXX5 Datasheet
1Mb / 54P
Security and integrity modules
Rev. 7, 01/2014
logo
Ultralife Corporation.
CR123A ULTRALIFE-CR123A Datasheet
457Kb / 2P
Safety and security systems
16 DEC 20 Rev: C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com