Electronic Components Datasheet Search
  English  ▼

X  

FX663 Datasheet(PDF) 15 Page - CML Microcircuits

Part # FX663
Description  Call Progress Decoder
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX663 Datasheet(HTML) 15 Page - CML Microcircuits

Back Button FX663 Datasheet HTML 9Page - CML Microcircuits FX663 Datasheet HTML 10Page - CML Microcircuits FX663 Datasheet HTML 11Page - CML Microcircuits FX663 Datasheet HTML 12Page - CML Microcircuits FX663 Datasheet HTML 13Page - CML Microcircuits FX663 Datasheet HTML 14Page - CML Microcircuits FX663 Datasheet HTML 15Page - CML Microcircuits FX663 Datasheet HTML 16Page - CML Microcircuits FX663 Datasheet HTML 17Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
© 1999 Consumer Microcircuits Limited
15
D/663/3
1.7.1
Electrical Performance (continued)
CSN
IRQN
D0 to D3
SIGIN
ENABLE
Tri-State
Tri-State
tDI
tIR
tDE
tHIZ
tDI
tRP
tDRP
No Signal
Call Progress Signal
Figure 8 Bus Timing
For the following conditions unless otherwise specified:
Xtal Frequency = 3.579545MHz, VDD = 3.3V to 5.0V, Tamb = -40°C to +85°C.
Parameter
Notes
Min.
Typ.
Max.
Units
tRP
Call Progress Tone Response Time
8
-
-
145
ms
tDRP
Call Progress Tone De-response Time
8
-
-
145
ms
tNRP
Non Call Progress Signal Response Time
145
-
-
ms
tNDRP
Non Call Progress Signal De-response Time
-
80
-
ms
tI
Burst Length Ignored
8
-
-
70
ms
tL
Burst Length Detected
8
145
-
-
ms
tGI
Call Progress Tone Gap Length Ignored
8,9,11
-
-
20
ms
tGD
Call Progress Tone Gap Length Detected
8,9
40
-
-
ms
tNG
Non Call Progress Signal Gap Length Ignored
10
-
80
-
ms
tDI
Data available to Interrupt pulse
-
-
430
µs
tDE
"CSN-Low " to Data Valid
-
-
0.2
µs
tHIZ
"CSN-High" to Output Tri-state
-
-
1.0
µs
tIR
Interrupt Reset Time
-
-
0.2
µs
tIP
Interrupt Low Pulse
4.0
5.0
6.0
µs
Notes:
8.
Timing also applies to Special Information Tones and Fax/modem Tones.
9.
Only applies to burst of the same frequency.
10. If the gap > 90ms, a NO Signal state will be detected.
11. Special Information Tones and Fax/modem tones tGI is 15ms maximum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com