Electronic Components Datasheet Search
  English  ▼

X  

2SA2142 Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # 2SA2142
Description  High-Voltage Switching Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA2142 Datasheet(HTML) 3 Page - Toshiba Semiconductor

  2SA2142 Datasheet HTML 1Page - Toshiba Semiconductor 2SA2142 Datasheet HTML 2Page - Toshiba Semiconductor 2SA2142 Datasheet HTML 3Page - Toshiba Semiconductor 2SA2142 Datasheet HTML 4Page - Toshiba Semiconductor 2SA2142 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
2SA2142
2009-12-21
3
0
0
−1.2
−500
−55°C
Tc
= 100°C
25°C
Base
−emitter voltage VBE (V)
IC – VBE
−400
−0.8
−0.2
−0.4
Common emitter
VCE = −5 V
−300
−100
−200
−0.6
−1.0
−1
1
−1000
10
1000
−10
Tc
= 100°C
−55°C
25°C
Collector current IC (mA)
hFE – IC
Common emitter
VCE = −5 V
−100
100
−1
−0.01
−1000
−100
−10
−10
Tc
= 100°C
−55°C
25°C
Collector current IC (mA)
VCE (sat) – IC
Common emitter
IC/IB = 10
−100
−0.1
−1
VBE (sat) – IC
−0.1
−10
−1
Tc
= −55°C
100°C
25°C
Collector current IC (mA)
Common emitter
IC/IB = 10
−1
−1000
−10
−100
Collector
−emitter voltage
VCE
(V)
IC – VCE
0
0
−8
−16
−20
−200
−400
−500
Common emitter
Tc
= 25°C
−5
IB = −0.2 mA
−100
−60
−20
−300
−12
−4
−80
−40
−100
−10
−2
−1
−0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com