Electronic Components Datasheet Search
  English  ▼

X  

2SB905 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SB905
Description  Power Amplifier Applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SB905 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SB905 Datasheet HTML 1Page - Toshiba Semiconductor 2SB905 Datasheet HTML 2Page - Toshiba Semiconductor 2SB905 Datasheet HTML 3Page - Toshiba Semiconductor 2SB905 Datasheet HTML 4Page - Toshiba Semiconductor 2SB905 Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2SB905
2010-02-05
1
TOSHIBA Transistor Silicon PNP Epitaxial Type (PCT process)
2SB905
Power Amplifier Applications
• Complementary to SD1220
Absolute Maximum Ratings (Ta = 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
−150
V
Collector-emitter voltage
VCEO
−150
V
Emitter-base voltage
VEBO
−6
V
Collector current
IC
−1.5
A
Base current
IB
−1.0
A
Ta = 25°C
1.0
Collector power
dissipation
Tc = 25°C
PC
10
W
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55 to 150
°C
Note: Using continuously under heavy loads (e.g. the application of high
temperature/current/voltage and the significant change in
temperature, etc.) may cause this product to decrease in the
reliability significantly even if the operating conditions (i.e.
operating temperature/current/voltage, etc.) are within the
absolute maximum ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/Derating Concept and Methods) and individual reliability data (i.e. reliability test report
and estimated failure rate, etc).
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-7J1A
Weight: 0.36 g (typ.)


Similar Part No. - 2SB905

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SB905 TOSHIBA-2SB905 Datasheet
170Kb / 3P
TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
16-Jun-1999
2SB905 TOSHIBA-2SB905 Datasheet
154Kb / 5P
Power Amplifier Applications
2SB905 TOSHIBA-2SB905 Datasheet
1Mb / 73P
Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SB905 ISC-2SB905 Datasheet
298Kb / 2P
Silicon PNP Power Transistor
2SB905 ISC-2SB905 Datasheet
279Kb / 2P
Silicon PNP Power Transistor
More results

Similar Description - 2SB905

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
2SC3669 UTC-2SC3669 Datasheet
119Kb / 3P
POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201_07 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_07 Datasheet
130Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SA1734 TOSHIBA-2SA1734_07 Datasheet
167Kb / 5P
Power Amplifier Applications Power Switching Applications
2SA1201 TOSHIBA-2SA1201_09 Datasheet
158Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SA1202 TOSHIBA-2SA1202_09 Datasheet
142Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
2SC2881 TOSHIBA-2SC2881_04 Datasheet
146Kb / 4P
Voltage Amplifier Applications Power Amplifier Applications
2SC2882 TOSHIBA-2SC2882_04 Datasheet
125Kb / 4P
Power Amplifier Applications Voltage Amplifier Applications
logo
Unisonic Technologies
2SC2881 UTC-2SC2881_15 Datasheet
175Kb / 4P
VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com