Electronic Components Datasheet Search
  English  ▼

X  

2SC2458 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # 2SC2458
Description  Audio Amplifier Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SC2458 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  2SC2458 Datasheet HTML 1Page - Toshiba Semiconductor 2SC2458 Datasheet HTML 2Page - Toshiba Semiconductor 2SC2458 Datasheet HTML 3Page - Toshiba Semiconductor 2SC2458 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
2SC2458
2003-03-27
1
TOSHIBA Transistor Silicon NPN Epitaxial Type (PCT process)
2SC2458
Audio Amplifier Applications
· High current capability: IC = 150 mA (max)
· High DC current gain: hFE = 70~700
· Excellent hFE linearity: hFE (IC = 0.1 mA)/hFE (IC = 2 mA) = 0.95 (typ.)
· Low noise: NF (2) = 1dB (typ.), 10dB (max)
· Complementary to 2SA1048.
· Small package.
Maximum Ratings (Ta
==== 25°C)
Characteristics
Symbol
Rating
Unit
Collector-base voltage
VCBO
50
V
Collector-emitter voltage
VCEO
50
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
150
mA
Base current
IB
50
mA
Collector power dissipation
PC
200
mW
Junction temperature
Tj
125
°C
Storage temperature range
Tstg
-55~125
°C
Electrical Characteristics (Ta
==== 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = 50 V, IE = 0
¾
¾
0.1
mA
Emitter cut-off current
IEBO
VEB = 5 V, IC = 0
¾
¾
0.1
mA
DC current gain
hFE
(Note)
VCE = 6 V, IC = 2 mA
70
¾
700
Collector-emitter saturation voltage
VCE (sat)
IC = 100 mA, IB = 10 mA
¾
0.1
0.25
V
Transition frequency
fT
VCE = 10 V, IC = 1 mA
80
¾
¾
MHz
Collector output capacitance
Cob
VCB = 10 V, IE = 0, f = 1 MHz
¾
2.0
3.5
pF
Noise figure
NF
VCE = 6 V, IC = 0.1 mA, f = 1 kHz,
Rg = 10 kW
¾
1.0
10
dB
Note: hFE classification O: 70~140, Y: 120~240, GR: 200~400, BL: 350~700
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
2-4E1A
Weight: 0.13 g (typ.)


Similar Part No. - 2SC2458

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2SC2458 ETC1-2SC2458 Datasheet
48Kb / 1P
TO-92 Plastic Package Transistors (NPN)
logo
Toshiba Semiconductor
2SC2458 TOSHIBA-2SC2458 Datasheet
312Kb / 4P
Audio Amplifier Applications
2SC2458 TOSHIBA-2SC2458 Datasheet
312Kb / 4P
Audio Amplifier Applications
2SC2458 TOSHIBA-2SC2458 Datasheet
336Kb / 4P
Audio Amplifier Applications
logo
Jiangsu Changjiang Elec...
2SC2458 JIANGSU-2SC2458 Datasheet
2Mb / 5P
TO-92S Plastic-Encapsulate Transistors
More results

Similar Description - 2SC2458

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1203 KEXIN-2SA1203 Datasheet
362Kb / 2P
Audio Frequency Amplifier Applications
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC2459 TOSHIBA-2SC2459_03 Datasheet
132Kb / 3P
Audio Amplifier Applications
HN3C67FE TOSHIBA-HN3C67FE Datasheet
202Kb / 3P
Audio Frequency Amplifier Applications AM Amplifier Applications
2SC2458Y TOSHIBA-2SC2458Y Datasheet
336Kb / 4P
Audio Amplifier Applications
logo
Fairchild Semiconductor
KSC2328AYTA FAIRCHILD-KSC2328AYTA Datasheet
45Kb / 4P
Audio Power Amplifier Applications
logo
Toshiba Semiconductor
2SC2458-GR TOSHIBA-2SC2458-GR Datasheet
312Kb / 4P
Audio Amplifier Applications
2SC2458L-GR TOSHIBA-2SC2458L-GR Datasheet
312Kb / 4P
Audio Amplifier Applications
2SC2458-Y TOSHIBA-2SC2458-Y Datasheet
336Kb / 4P
Audio Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com