Electronic Components Datasheet Search
  English  ▼

X  

SMD1206 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # SMD1206
Description  60V HIGH ACCURACY BUCK/BOOST/BUCK-BOOST LED DRIVER CONTROLLER
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SMD1206 Datasheet(HTML) 4 Page - Diodes Incorporated

  SMD1206 Datasheet HTML 1Page - Diodes Incorporated SMD1206 Datasheet HTML 2Page - Diodes Incorporated SMD1206 Datasheet HTML 3Page - Diodes Incorporated SMD1206 Datasheet HTML 4Page - Diodes Incorporated SMD1206 Datasheet HTML 5Page - Diodes Incorporated SMD1206 Datasheet HTML 6Page - Diodes Incorporated SMD1206 Datasheet HTML 7Page - Diodes Incorporated SMD1206 Datasheet HTML 8Page - Diodes Incorporated SMD1206 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ZXLD1370
ZXLD1370
Document number: DS32165 Rev. 2 - 2
4 of 33
www.diodes.com
May 2010
© Diodes Incorporated
A Product Line of
Diodes Incorporated
Electrical Characteristics (Test conditions: VIN = VAUX = 12V, TA = 25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Supply and reference parameters
VUV-
Under-Voltage detection threshold
Normal operation to switch disabled
VIN or VAUX falling
5.2
5.6
6.3
V
VUV+
Under-Voltage detection threshold
Switch disabled to normal operation
VIN or VAUX rising
5.5
6
6.5
V
IQ-IN
Quiescent current into VIN
PWM pin floating.
Output not switching
1.5
3
mA
IQ-AUX
Quiescent current into VAUX
150
300
µA
ISB-IN
Standby current into VIN.
PWM pin grounded
for more than 15ms
90
150
µA
ISB-AUX
Standby current into VAUX.
0.7
10
µA
VREF
Internal reference voltage
No load
1.237
1.25
1.263
V
ΔVREF
Change in reference voltage with output
current
Sourcing 1mA
-5
mV
Sinking 100 µA
5
VREF_LINE
Reference voltage line regulation
VIN = VAUX , 6.5V<VIN = <60V
-60
-90
dB
VREF-TC
Reference temperature coefficient
+/-50
ppm/°C
DC-DC converter parameters
VADJ
‡
External dc control voltage applied to ADJ
pin to adjust output current
DC brightness control mode
10% to 200%
0.125
1.25
2.5
V
IADJ
ADJ input current
VADJ ≤ 2.5V
VADJ = 5.0V
†
100
5
nA
µA
VGI
‡
GI Voltage threshold for boost and buck-
boost modes selection
VADJ = 1.25V
0.8
V
IGI
GI input current
VGI ≤ 2.5V
VGI = 5.0V
†
100
5
nA
µA
IPWM
PWM input current
VPWM = 5.5V
36
100
µA
tPWMoff
PWM pulse width
(to enter shutdown state)
PWM input low
10
15
25
ms
TSDH
Thermal shutdown upper threshold
(GATE output forced low)
Temperature rising.
150
ºC
TSDL
Thermal shutdown lower threshold
(GATE output re-enabled)
Temperature falling.
125
ºC
High-Side Current Monitor (Pin ISM)
IISM
Input Current
Measured into ISM pin and
VISM = 12V
11
20
µA
VSENSE_acc
Accuracy of nominal VSENSE threshold
voltage
VADJ = 1.25V
±0.25
±2
%
VSENSE-OC Over-current sense threshold voltage
300
350
375
mV
Notes:
†
The ADJ and GI pins have an internal clamp that limits the internal node to less than 3V. This provides some failsafe should those
pins get overdriven
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com