Electronic Components Datasheet Search
  English  ▼

X  

EV9920B Datasheet(PDF) 1 Page - CML Microcircuits

Part # EV9920B
Description  The Product Data Amendment series of documents
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CMLMICRO [CML Microcircuits]
Direct Link  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

EV9920B Datasheet(HTML) 1 Page - CML Microcircuits

  EV9920B Datasheet HTML 1Page - CML Microcircuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
QAF297 - 1
1.1
This document describes the changes made to the EV9910B and CMX9920B user manual,
Publication No: UM9910/4 May 2009 to produce the updated version: UM9910/5 May 2010.
2.1
Product user manual: UM9910/5 May 2010.
2.0
Reference Document(s)
3.1
EV9910B and EV9920B
CML Microcircuits
COMMUNICATION SEMICONDUCTORS
EV9910B and EV9920B
PRODUCT DATA AMENDMENT
Publication PDA/99x0B/5 May 2010
� Section 6.5.3; Transmitter Operation; Table 12 Transmitter Possible Errors;
High Carrier Leakage information added
(Page 38)
� Section 7.1.3; Operating Characteristics; IDD figures updated
(Page 40)
� Section 7.1.3; Operating Characteristics; Rx Gain parameters added
(Page 40)
� Section 7.1.3; Operating Characteristics; 400MHz Tx Operation; Carrier Leakage parameter updated and Note
8 added
(Page 41)
The Product Data Amendment series of documents is produced to provide basic details of changes to CML data
publications.
1.0 Introduction
2.0 Reference Document(s)
3.0 Products Affected
4.0 Additions and Alterations
© CML Microcircuits 2010


Similar Part No. - EV9920B

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV9928-F-00B MPS-EV9928-F-00B Datasheet
660Kb / 9P
60V Current Mode, Synchronous Step-Down Controller Evaluation Board
EV9928-L-00C MPS-EV9928-L-00C Datasheet
758Kb / 9P
60V Current Mode, Synchronous Step-Down Controller Evaluation Board
More results

Similar Description - EV9920B

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX128 CMLMICRO-FX128 Datasheet
42Kb / 1P
The Product Data Amendment series of documents
CMX661 CMLMICRO-CMX661 Datasheet
27Kb / 1P
The Product Data Amendment series of documents
CMX813 CMLMICRO-CMX813 Datasheet
26Kb / 2P
The Product Data Amendment series of documents
CMX823 CMLMICRO-CMX823 Datasheet
48Kb / 3P
The Product Data Amendment series of documents
CMX865A CMLMICRO-CMX865A Datasheet
112Kb / 1P
The Product Data Amendment series of documents
CMX866 CMLMICRO-CMX866 Datasheet
106Kb / 1P
The Product Data Amendment series of documents
CMX868 CMLMICRO-CMX868 Datasheet
28Kb / 1P
The Product Data Amendment series of documents
CMX868A CMLMICRO-CMX868A Datasheet
108Kb / 1P
The Product Data Amendment series of documents
CMX869A CMLMICRO-CMX869A Datasheet
42Kb / 1P
The Product Data Amendment series of documents
EV8810 CMLMICRO-EV8810 Datasheet
114Kb / 1P
The Product Data Amendment series of documents
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com