Electronic Components Datasheet Search
  English  ▼

X  

AH1803 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH1803
Description  MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1803 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH1803 Datasheet HTML 1Page - Diodes Incorporated AH1803 Datasheet HTML 2Page - Diodes Incorporated AH1803 Datasheet HTML 3Page - Diodes Incorporated AH1803 Datasheet HTML 4Page - Diodes Incorporated AH1803 Datasheet HTML 5Page - Diodes Incorporated AH1803 Datasheet HTML 6Page - Diodes Incorporated AH1803 Datasheet HTML 7Page - Diodes Incorporated AH1803 Datasheet HTML 8Page - Diodes Incorporated AH1803 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AH1803
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
SWITCH
AH1803 Rev. 9
2 of 9
OCTOBER 2009
DS31193
www.diodes.com
© Diodes Incorporated
Ordering Information
AH1803 - XX G - 7
Packing
7 : Tape & Reel
Package
Green
W : SC59
SN : DFN2020-6
G : Green
7” Tape and Reel
Product
Package
Code
Packaging
(Note 2)
Quantity
Part Number Suffix
AH1803-WG-7
W
SC59
3000/Tape & Reel
-7
AH1803-SNG-7
SN
DFN2020-6
3000/Tape & Reel
-7
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied. Please visit our website at
http://www.diodes.com/products/lead_free.html.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf.
(1) SC59 (commonly known as SOT23 in Asia)
(2) DFN2020-6
1. Vdd
GND 3.
2. Output
( Top View )
1. Vdd
2. NC 3. Output
4. NC
6. NC
5. GND
( Top View )
Notes:
3. NC is “No Connection”, which is recommended to be tied to ground.
Pin Descriptions
Pin Name
P/I/O
Description
Vdd
P/I
Power Supply Input
GND
P/I
Ground
Output
O
Output Pin
NC
No Connected
Pin Assignments



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com