Electronic Components Datasheet Search
  English  ▼

X  

AH1822 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AH1822
Description  MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1822 Datasheet(HTML) 5 Page - Diodes Incorporated

  AH1822 Datasheet HTML 1Page - Diodes Incorporated AH1822 Datasheet HTML 2Page - Diodes Incorporated AH1822 Datasheet HTML 3Page - Diodes Incorporated AH1822 Datasheet HTML 4Page - Diodes Incorporated AH1822 Datasheet HTML 5Page - Diodes Incorporated AH1822 Datasheet HTML 6Page - Diodes Incorporated AH1822 Datasheet HTML 7Page - Diodes Incorporated AH1822 Datasheet HTML 8Page - Diodes Incorporated AH1822 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AH1822
MICROPOWER OMNIPOLAR HALL-EFFECT SENSOR
SWITCH
AH1822 Rev. 5
5 of 9
FEBRUARY 2009
www.diodes.com
© Diodes Incorporated
Magnetic Characteristics
(TA=25
°C, Vdd=3V, Note 6, 7)
(1mT=10 Gauss)
Symbol
Characteristic
Min
Typ.
Max
Unit
Bops(south pole to brand side)
Operate Point
-
28
55
Gauss
Bopn(north pole to brand side)
-55
-28
-
Brps(south pole to brand side)
Release Point
10
20
-
Brpn(north pole to brand side)
-
-20
-10
Bhy(
Brpx
Bopx
−
)
Hysteresis
5
8
-
Notes:
6. Typical data is at Ta = 25
°C, Vdd = 3V, and for design information only.
7. Operating point and release point will vary with supply voltage and operating temperature.
Bhy
Vsat
Vcc
Bopn
Brpn
0
( Magnetic flux density B )
Output
Turn on
Turn off
( off-state )
( on-state )
Bhy
Vsat
Vcc
Brps
Bops
0
( Magnetic flux density B )
Output
Turn off
Turn on
( off-state )
( on-state )
TA (
°C)
25
50
60
70
80
85
90
100
110
120
130
140
150
PD (mW)
230
184
166
147
129
120
110
92
74
55
37
18
0
P ow e r D is s ipatio n C urve
0
10 0
20 0
30 0
0
25
50
75
100
125
1 50
T A (。 C)
P D (m W )
85
Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com