Electronic Components Datasheet Search
  English  ▼

X  

AH1883 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH1883
Description  MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1883 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH1883 Datasheet HTML 1Page - Diodes Incorporated AH1883 Datasheet HTML 2Page - Diodes Incorporated AH1883 Datasheet HTML 3Page - Diodes Incorporated AH1883 Datasheet HTML 4Page - Diodes Incorporated AH1883 Datasheet HTML 5Page - Diodes Incorporated AH1883 Datasheet HTML 6Page - Diodes Incorporated AH1883 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AH1883
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
SWITCH
AH1883
Document number: DS31296 Rev. 5 - 2
4 of 7
www.diodes.com
September 2010
© Diodes Incorporated
Typical Operating Characteristics
AH1883 Sw itch points vs. Tem perature (Vdd = 1.8V)
-50
-40
-30
-20
-10
0
10
20
30
40
50
-40
-15
10
35
60
85
Tem perature (
℃)
Bops
Brps
Bopn
Brpn
Bhy_s
Bhy_n
AH1883 Sw itch points vs. Vdd (TA =25 ℃)
-50
-40
-30
-20
-10
0
10
20
30
40
50
1.65 1.9 2.15 2.4 2.65 2.9 3.15 3.4 3.65 3.9
Vdd(V)
Bops
Brps
Bopn
Brpn
Bhy_s
Bhy_n
AH1883 Idd(avg.) vs. Tem perature
0
1
2
3
4
5
6
7
8
9
-40
-15
10
35
60
85
Tem perature (
℃)
Idd (avg.)
unit:
μA
1.65V
1.8V
3.3V
AH1883 Idd(avg.) vs. Vdd (TA=25 ºC)
0
1
2
3
4
5
6
7
8
9
10
1.65
1.9
2.15
2.4
2.65
2.9
3.15
3.4
3.65
3.9
Vdd(V)
Idd (avg.)
unit:
μA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com