Electronic Components Datasheet Search
  English  ▼

X  

AH1885 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH1885
Description  MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1885 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH1885 Datasheet HTML 1Page - Diodes Incorporated AH1885 Datasheet HTML 2Page - Diodes Incorporated AH1885 Datasheet HTML 3Page - Diodes Incorporated AH1885 Datasheet HTML 4Page - Diodes Incorporated AH1885 Datasheet HTML 5Page - Diodes Incorporated AH1885 Datasheet HTML 6Page - Diodes Incorporated AH1885 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
AH1885
MICROPOWER, ULTRA-SENSITIVE HALL EFFECT
SWITCH
AH1885
Document number: DS31235 Rev. 4 - 2
2 of 7
www.diodes.com
September 2010
© Diodes Incorporated
Pin Descriptions
Pin Name
P/I/O
Pin #
Description
Out 2
O
1
Output Pin (active High)
GND
P/I
2
Ground
NC
3
No Connection
Vdd
P/I
4
Power Supply Voltage
Out 1
O
5
Output Pin (active Low)
Functional Block Diagram
Out2
GND
Logical
Latch
Latch
Power
switch
Vdd
Hall Plate
Amp
Hall Plate
Amp
Out1
GND
Vdd
Absolute Maximum Ratings (TA = 25°C)
Symbol
Characteristics
Values
Unit
Vdd
Supply voltage
5
V
B
Magnetic flux density
Unlimited
TS
Storage Temperature Range
-65 to +150
°C
PD
Package Power Dissipation
230
mW
TJ
Maximum Junction Temperature
150
°C
Recommended Operating Conditions (TA = 25°C)
Symbol
Parameter
Conditions
Rating
Unit
Vdd
Supply Voltage
Operating
1.65 to 3.3
V
TA
Operating Temperature Range
Operating
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com