Electronic Components Datasheet Search
  English  ▼

X  

AH5798 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AH5798
Description  SINGLE PHASE HALL EFFECT LATCH SMART
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH5798 Datasheet(HTML) 2 Page - Diodes Incorporated

  AH5798 Datasheet HTML 1Page - Diodes Incorporated AH5798 Datasheet HTML 2Page - Diodes Incorporated AH5798 Datasheet HTML 3Page - Diodes Incorporated AH5798 Datasheet HTML 4Page - Diodes Incorporated AH5798 Datasheet HTML 5Page - Diodes Incorporated AH5798 Datasheet HTML 6Page - Diodes Incorporated AH5798 Datasheet HTML 7Page - Diodes Incorporated AH5798 Datasheet HTML 8Page - Diodes Incorporated AH5798 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AH5798
SINGLE PHASE HALL EFFECT LATCH SMART
FAN MOTOR CONTROLLER
AH5798
Document number: DS32001 Rev. 2 - 2
2 of 11
www.diodes.com
June 2010
© Diodes Incorporated
Typical Application Circuit
V
dd
FG
O1
O2
FG
SYSTEM
POWER
V
SS
SYSTEM
POWER
10Kohm
AH5798
Dz
C1
D1
* Reverse connection of power supply may damage the device. To prevent reverse power damage, a protection (reverse blocking)
Diode D1 is needed between power supply and Vdd terminal. If a reverse power protection diode D1 is used, there
is no current return path to power supply, so it is necessary to follow measures such as below.
- Connect Dz (Zener diode) between Vdd and Vss terminal, to prevent voltage exceeding the absolute maximum rating of the device.
- Connect a capacitor C1 between Vdd and Vss terminal, to complete the current return path to power supply.
The AH5798 has an open-drain tachometer FG output that follows the magnetic change frequency. Typically, a pull-up resistor of 10k
Ω is
recommended from FG pin to the supply voltage.
Pin Descriptions
Pin Name
Description
Vdd
Power Supply Pin
Vss
Ground Pin
O1
Output Driving & Sinking Pin 1
O2
Output Driving & Sinking Pin 2
NC
No Connection
FG
Frequency Generator (Note 1)
Notes:
1. The FG is the same as the magnetic change frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com