Electronic Components Datasheet Search
  English  ▼

X  

AP130 Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP130
Description  300mA LOW DROPOUT (LDO) LINEAR REGULATOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP130 Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP130 Datasheet HTML 3Page - Diodes Incorporated AP130 Datasheet HTML 4Page - Diodes Incorporated AP130 Datasheet HTML 5Page - Diodes Incorporated AP130 Datasheet HTML 6Page - Diodes Incorporated AP130 Datasheet HTML 7Page - Diodes Incorporated AP130 Datasheet HTML 8Page - Diodes Incorporated AP130 Datasheet HTML 9Page - Diodes Incorporated AP130 Datasheet HTML 10Page - Diodes Incorporated AP130 Datasheet HTML 11Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
AP130
300mA LOW DROPOUT (LDO) LINEAR REGULATOR
AP130
Document number: DS31027 Rev. 7 - 2
8 of 11
www.diodes.com
June 2010
© Diodes Incorporated
Marking Information (Continued)
(2) SOT89-3L and SOT89R-3L
1
3
2
X X
Y W
XX : Identification code
( Top View )
X
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
X : Internal code
A~Z : Green
a~z : 27~52 week;
z represents 52 and 53 week
a~z : Lead Free
Device
Package (Note 11)
Identification Code
AP130-15Y
SOT89-3L
CA
AP130-18Y
SOT89-3L
CD
AP130-20Y
SOT89-3L
CF
AP130-25Y
SOT89-3L
CK
AP130-28Y
SOT89-3L
CN
AP130-30Y
SOT89-3L
CP
AP130-33Y
SOT89-3L
CS
AP130-35Y
SOT89-3L
CU
AP130-15YR
SOT89R-3L
GO
AP130-18YR
SOT89R-3L
GR
AP130-20YR
SOT89R-3L
GT
AP130-25YR
SOT89R-3L
GY
AP130-28YR
SOT89R-3L
H1
AP130-30YR
SOT89R-3L
H3
AP130-33YR
SOT89R-3L
H9
AP130-35YR
SOT89R-3L
HB
Notes:
11. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com