Electronic Components Datasheet Search
  English  ▼

X  

AP393 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP393
Description  LOW POWER LOW OFFSET VOLTAGE DUAL
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP393 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP393_10 Datasheet HTML 1Page - Diodes Incorporated AP393_10 Datasheet HTML 2Page - Diodes Incorporated AP393_10 Datasheet HTML 3Page - Diodes Incorporated AP393_10 Datasheet HTML 4Page - Diodes Incorporated AP393_10 Datasheet HTML 5Page - Diodes Incorporated AP393_10 Datasheet HTML 6Page - Diodes Incorporated AP393_10 Datasheet HTML 7Page - Diodes Incorporated AP393_10 Datasheet HTML 8Page - Diodes Incorporated AP393_10 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
AP393
LOW POWER LOW OFFSET VOLTAGE DUAL
COMPARATORS
AP393
Document number: DS31006 Rev. 8 - 2
2 of 15
www.diodes.com
July 2010
© Diodes Incorporated
Typical Circuit (Vcc=5.0VDC)
V
O
3.0K
V+
+V
IN
+V
REF
Basic Comparator
+
-
AP393
Driving CMOS
+
-
+5.0V
DC
100K
AP393
1/4 MM54CXX
Driving TTL
+
-
AP393
1/4 DM54XX
+5V
DC
10K
+
-
V
O
100K
100K
100K
100K
75 pF
4.3K
V+
V+
V+
Squarewave Oscillator
1:100kHz
1/2 AP393
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com