Electronic Components Datasheet Search
  English  ▼

X  

AP431A Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP431A
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431A Datasheet(HTML) 4 Page - Diodes Incorporated

  AP431A Datasheet HTML 1Page - Diodes Incorporated AP431A Datasheet HTML 2Page - Diodes Incorporated AP431A Datasheet HTML 3Page - Diodes Incorporated AP431A Datasheet HTML 4Page - Diodes Incorporated AP431A Datasheet HTML 5Page - Diodes Incorporated AP431A Datasheet HTML 6Page - Diodes Incorporated AP431A Datasheet HTML 7Page - Diodes Incorporated AP431A Datasheet HTML 8Page - Diodes Incorporated AP431A Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AP431/AP431A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A
Document number: DS31002 Rev. 15 - 2
4 of 16
www.diodes.com
June 2010
© Diodes Incorporated
Electrical Characteristics (TA = 25
oC, V+ = +5.0V, unless otherwise stated)
Symbol
Parameter
Test Conditions
Min
Typ.
Max
Unit
VREF
Reference voltage
VKA = VREF,
I KA = 10mA (Fig.1)
AP431
AP431A
2.470
2.482
2.495
2.520
2.507
V
VREF
Deviation of Reference input
voltage over temperature
(Note 4)
VKA = VREF, IKA = 10mA,
Ta = Full range (Fig.1)
⎯
8.0
20
mV
ΔV
REF
ΔV
KA
Ratio of the change in
Reference voltage to the
change in Cathode voltage
IKA = 10mA (Fig. 2)
VKA = VREF to10V
⎯
-1.4
-2.0
mV/V
VKA = 10V to 36V
⎯
-1
-2
mV/V
IREF
Reference input current
R1 = 10K
Ω,R2 = ∞ I
KA= 10mA (Fig. 2)
⎯
1.4
3.5
μA
αI
REF
Deviation of Reference input
current over temperature
R1 = 10K
Ω,R2 = ∞ I
KA = 10mA
Ta = Full range (Fig. 2)
⎯
0.4
1.2
μA
IKA(MIN)
Minimum Cathode current
for regulation
VKA = VREF (Fig.1)
⎯
0.19
0.5
mA
IKA(OFF)
Off-state current
VKA = 36V, VREF = 0V (Fig. 3)
⎯
0.1
1.0
μA
|Z
KA|
Dynamic output impedance
(Note 5)
V KA = VREF V KA = VREF
ΔI
KA = 0.1mA ~ 15mA
Frequency
≤ 1KHz (Fig.1)
⎯
0.2
0.5
Ω
VMAX
VMIN
TI
T2
Temperature
VDEV = VMAX - VMIN
Notes: 4. Deviation of reference input voltage, VDEV, is defined as the maximum variation of the reference over the full temperature range.
The average temperature coefficient of the reference input voltage
αV
REF is defined as:
1
2
6
REF
DEV
REF
T
T
10
)
C)
(25
V
V
(
V
−
⋅
°
=
α
……………………..………..…………….. (
)
C
ppm
°
Where:
T2 – T1 = full temperature change.
αV
REF can be positive or negative depending on whether the slope is positive or negative.
Notes:
5. The dynamic output impedance, RZ, is defined as:
KA
KA
KA
I
V
Z
Δ
Δ
=
When the device is programmed with two external resistors R1 and R2 (see Figure 2.), the dynamic output impedance of the overall
circuit, is defined as:
)
R2
R1
(1
Z
i
v
Z
KA
'
KA
+
Δ
Δ
=
≈



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com