Electronic Components Datasheet Search
  English  ▼

X  

AP431 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # AP431
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP431 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button AP431 Datasheet HTML 8Page - Diodes Incorporated AP431 Datasheet HTML 9Page - Diodes Incorporated AP431 Datasheet HTML 10Page - Diodes Incorporated AP431 Datasheet HTML 11Page - Diodes Incorporated AP431 Datasheet HTML 12Page - Diodes Incorporated AP431 Datasheet HTML 13Page - Diodes Incorporated AP431 Datasheet HTML 14Page - Diodes Incorporated AP431 Datasheet HTML 15Page - Diodes Incorporated AP431 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AP431/AP431A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP431/AP431A
Document number: DS31002 Rev. 15 - 2
12 of 16
www.diodes.com
June 2010
© Diodes Incorporated
Marking Information (Continued)
(5) SOT89-3L
1
3
2
X X
Y W
XX : Identification code
( Top View )
X
Y : Year : 0~9
W : Week : A~Z : 1~26 week;
X : Internal code
a~z : 27~52 week;
z represents 52 and 53 week
A~Z: Green
a~z : Lead Free
(6) TO92-3L
( Top View )
AP431
X Y WW X X
Accuracy
Blank: 2.495 + 1%
A: 2.495 + 0.5%
G : Green
WW : Week : 01
~52; 52
Y : Year : 0
~9
X : Internal Code
represents 52 and 53 week
L : Lead Free
Identification Code Table
Device
Package (Note 10)
Identification Code
Date Code
AP431SA
SOT23
D1
YM
AP431ASA
SOT23
D2
YM
AP431SR
SOT23R
D5
YM
AP431ASR
SOT23R
D6
YM
AP431Q
SOT25
A2
YM
AP431AQ
SOT25
A3
YM
AP431W
SC59
A6
YM
AP431AW
SC59
A7
YM
AP431R
SC59
A8
YM
AP431AR
SC59
A9
YM
AP431Y
SOT89-3L
A4
YM
AP431AY
SOT89-3L
A5
YM
Notes:
10. For Packaging Details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com