Electronic Components Datasheet Search
  English  ▼

X  

AP432 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # AP432
Description  ADJUSTABLE PRECISION SHUNT REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP432 Datasheet(HTML) 6 Page - Diodes Incorporated

Back Button AP432 Datasheet HTML 2Page - Diodes Incorporated AP432 Datasheet HTML 3Page - Diodes Incorporated AP432 Datasheet HTML 4Page - Diodes Incorporated AP432 Datasheet HTML 5Page - Diodes Incorporated AP432 Datasheet HTML 6Page - Diodes Incorporated AP432 Datasheet HTML 7Page - Diodes Incorporated AP432 Datasheet HTML 8Page - Diodes Incorporated AP432 Datasheet HTML 9Page - Diodes Incorporated AP432 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
AP432/AP432A
ADJUSTABLE PRECISION SHUNT REGULATOR
AP432/AP432A
Document number: DS31003 Rev. 16 - 2
6 of 14
www.diodes.com
June 2010
© Diodes Incorporated
Typical Performance Characteristics (Continued)
+
-
Output
GND
15K
Ω
8.25K
Ω
9
μF
I
KA
232
Ω
Test Circuit for Voltage Amplification
Small-Signal Voltage Amplification vs Frequency
0
10
20
30
40
50
60
1K
10K
100K
1M
10M
f-Frequency-Hz
I
KA=10mA
T
A=25
oC
+
-
I KA
GND
Output
1K
Ω
50
Ω
Test Circuit for Reference Impedance
Reference Impedance vs Frequency
0.1
1
10
100
1K
10K
100K
1M
10M
f-Frequency-Hz
IKA=10mA
T =25 C
A
o
+
-
150
Ω
I KA
VBATT
CL
Test Circuit for Curve A
+
-
CL
R1=10K
Ω
R2
I KA
150
Ω
VBATT
Test Circuit for Curve B, C, and D
+The areas under the curves represent conditions that may cause the
device to oscillate. For curves B, C, and D, R2 and V+ were adjusted
to establish the initial VKA and IKA conditions with CL=0.VBATT and CL
were then adjusted to determine the ranges of stability.
STABILITY BOUNDARY CONDITIONS
†
0
10
20
30
40
50
60
70
80
90
100
0.001
0.01
0.1
1
10
CL-Load Capacitance-µF
A VKA=Vref
B VKA=5V
C VKA=10V
D VKA=15V
A
B
C
D
Stable
Stable
TA=25
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com