Electronic Components Datasheet Search
  English  ▼

X  

AP1501 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP1501
Description  150KHz, 3A PWM BUCK DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1501 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP1501 Datasheet HTML 1Page - Diodes Incorporated AP1501 Datasheet HTML 2Page - Diodes Incorporated AP1501 Datasheet HTML 3Page - Diodes Incorporated AP1501 Datasheet HTML 4Page - Diodes Incorporated AP1501 Datasheet HTML 5Page - Diodes Incorporated AP1501 Datasheet HTML 6Page - Diodes Incorporated AP1501 Datasheet HTML 7Page - Diodes Incorporated AP1501 Datasheet HTML 8Page - Diodes Incorporated AP1501 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
AP1501
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1501 Rev. 11
1 of 12
JANUARY 2009
www.diodes.com
© Diodes Incorporated
Lead-free
Lead-free
Lead-free
Lead-free
•
Output voltage: 3.3V, 5V, 12V and adjustable output
version
•
Adjustable version output voltage range, 1.23V to
37V+4%
•
150KHZ +15% fixed switching frequency
•
Voltage mode non-synchronous PWM control
•
Thermal-shutdown and current-limit protection
•
ON/OFF shutdown control input
•
Operating voltage can be up to 40V
•
Output load current: 3A
•
Low power standby mode
•
Built-in switching transistor on chip
•
Lead Free packages: TO263-5L and TO220-5L(R)
•
TO263-5L and TO220-5L(R): Available in “Green”
Molding Compound (No Br, Sb)
•
Lead Free Finish/RoHS Compliant (Note 1)
The AP1501 is a fully integrated step-down DC/DC converter,
with the ability to drive 3A load without the need of additional
driver components. The AP1501 operates at a switching
frequency of 150KHZ enabling the use of small size filter
components. As a result, board space is reduced and BOM costs
are lowered.
The AP1501 has integrated the shutdown function that allows
standby mode to be activated via an external logic signal input.
The internal compensation facilitates feedback control for line
and load regulation without the need of an external circuitry. The
AP1501 has a built-in Thermal shutdown and Current Limit
function to prevent damage from high operating temperature and
high current operating to the output switch.
Additional features include a guaranteed +/- 4% tolerance on the
output voltage under specified input and output load conditions,
and +/- 15% on oscillator frequency. The AP1501 offers both
fixed and a Adjustable output voltages. For fixed outputs the
AP1501 supports 3.3V, 5.0V and 12V. The package options
available are standard 5-lead TO263 and TO220(R) packages.
•
Simple High-efficiency step-down regulator
•
On-card switching regulators
•
Positive to negative converter
Ordering Information
Package
K5 : TO263-5L
Output version
AP1501 - XX XXX X - X
Packing
U : Tube
13 : Tape & Reel
Blank : Adjustable
33
: 3.3V
50
: 5.0V
12
: 12V
Lead Free
L : Lead Free
T5 : TO220-5L
T5R : TO220-5L(R)
G : Green
Device
Package
Code
Packaging
(Note 2)
Tube
13” Tape and Reel
Quantity
Part Number
Suffix
Quantity
Part Number
Suffix
AP1501-XXK5L-U
K5
TO263-5L
50
-U
NA
NA
AP1501-XXK5L-13
K5
TO263-5L
NA
NA
800/Tape & Reel
-13
AP1501-XXK5G-U
K5
TO263-5L
50
-U
NA
NA
AP1501-XXK5G-13
K5
TO263-5L
NA
NA
800/Tape & Reel
-13
AP1501-XXT5L-U
T5
TO220-5L
50
-U
NA
NA
AP1501-XXT5G-U
T5
TO220-5L
50
-U
NA
NA
AP1501-XXT5RL-U
T5R
TO220-5L(R)
50
-U
NA
NA
AP1501-XXT5RG-U
T5R
TO220-5L(R)
50
-U
NA
NA
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. Pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which can be found on our website at
http://www.diodes.com/datasheets/ap02001.pdf..
Features
General Description
Applications


Similar Part No. - AP1501

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1501 ANACHIP-AP1501 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
logo
Diodes Incorporated
AP1501 DIODES-AP1501 Datasheet
410Kb / 13P
150KHZ, 3A PWM BUCK DC/DC CONVERTER
Rev. 14 - 2 March 2021
logo
Guangdong Youtai Semico...
AP1501 UMW-AP1501 Datasheet
3Mb / 13P
Simple high-efficiency step-down (buck) regulator
logo
Anachip Corp
AP1501-12K5 ANACHIP-AP1501-12K5 Datasheet
129Kb / 7P
150 KHZ 3A PWM BUCK DC/DC CONVERTER
Rev. A7 Feb. 10, 2004
AP1501-12K5 ANACHIP-AP1501-12K5 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
More results

Similar Description - AP1501

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1507 ANACHIP-AP1507 Datasheet
169Kb / 9P
150KHz, 3A PWM Buck DC/DC Converter
Rev.1.1 Oct 29, 2004
logo
Diodes Incorporated
AP1507 DIODES-AP1507 Datasheet
200Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
AP1507 Rev. 1
logo
Anachip Corp
AP1501 ANACHIP-AP1501_1 Datasheet
217Kb / 12P
150Khz, 3A PWM Buck DC/DC Converter
Rev.1.2 Aug. 23, 2005
logo
FOSLINK SEMICONDUCTOR C...
FSP3122 FOSLINK-FSP3122 Datasheet
230Kb / 10P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3123 FOSLINK-FSP3123 Datasheet
320Kb / 11P
150KHZ 3A PWM BUCK DC/DC CONVERTER
FSP3124 FOSLINK-FSP3124 Datasheet
277Kb / 9P
150KHZ 3A PWM BUCK DC/DC CONVERTER
logo
Advanced Power Electron...
APE1702 A-POWER-APE1702_08 Datasheet
471Kb / 10P
150KHz, 3A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1501-50K5G-13 DIODES-AP1501-50K5G-13 Datasheet
190Kb / 12P
150KHz, 3A PWM BUCK DC/DC CONVERTER
Rev 11
logo
First Silicon Co., Ltd
FAC1507 FS-FAC1507 Datasheet
916Kb / 15P
3A 150KHZ PWM Buck DC/DC Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1501 TECHCODE-TD1501 Datasheet
1Mb / 18P
3A 150KHz PWM Buck DC/DC Converter
December, 20, 2005.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com